Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3957-1 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3957-1
Description  Three - Four Cell Lithium-Ion Protector Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3957-1 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3957-1 Datasheet HTML 1Page - Texas Instruments UCC3957-1 Datasheet HTML 2Page - Texas Instruments UCC3957-1 Datasheet HTML 3Page - Texas Instruments UCC3957-1 Datasheet HTML 4Page - Texas Instruments UCC3957-1 Datasheet HTML 5Page - Texas Instruments UCC3957-1 Datasheet HTML 6Page - Texas Instruments UCC3957-1 Datasheet HTML 7Page - Texas Instruments UCC3957-1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UCC3957 -1/-2/-3/-4
APPLICATION INFORMATION
Overview
The UCC3957 provides complete protection against
over-discharge, over-charge and overcurrent for a three
or four cell Lithium-Ion battery pack. It uses a “flying ca-
pacitor” technique to sample the voltage across each
battery cell and compare it to a precision reference. If
any cell is in over or under-voltage, the internal state ma-
chine takes the appropriate action to prevent further
charge or discharge. High-side P-MOSFETs are used to
independently control charge and discharge current. Typ-
ical application circuits are shown in Figures 1 and 2.
Connecting the Cell Stack
When connecting the cell stack to the circuit, it is impor-
tant to do it in the proper order. First, the bottom of the
stack should be connected to AN4 . Next, the top of the
stack should be connected to VDD. The cell taps can
then be connected to AN1-AN3 in any order.
Choosing Three or Four Cells
For three cell packs, the cell count pin (CLCNT) should
be connected to the DSPLY pin, and the AN3 pin should
be tied to the AN4 pin. For four cell applications, the
CLCNT pin should be grounded (to AN4) and the AN3
pin will be connected to the positive terminal of the bot-
tom cell in the stack.
Under-voltage Protection
When any cell is found to be over-discharged (below the
Normal to Undercharge threshold), the state machine
turns off both high-side FETs and enters the sleep mode,
where current consumption drops to about 3.5uA. It re-
mains in sleep mode until the application of a charger is
sensed by the Wake Up (WU) pin being raised above
VDD.
Charging
Once a charger has been applied, the Charge FET will
be turned on as long as the Charge Enable input
(CHGEN) is pulled up to the DSPLY pin. If the CHGEN
input is left open (or connected to AN4), the Charge FET
will remain off.
During charge, the Discharge FET will be off (current will
be conducted through its body diode) until the cell volt-
ages are all above the Undercharge to Normal threshold.
Once the cell voltages are above this threshold, the Dis-
charge FET will be turned on, minimizing power dissipa-
tion.
Open Wire Protection
The UCC3957 provides protection against broken cell
sense connections within the pack. If the sense connec-
tion to one of the cells (pins AN1, 2 or 3) should become
disconnected, weak internal current sources will make
the cells connected to that wire appear to be in over-
charge and charging of the pack will be prevented.
Over-voltage Protection and the “Smart Discharge”
Feature
If any cell is charged to a voltage exceeding the Normal
to Overcharge threshold, the Charge FET will be turned
off, preventing further charge current. Hysteresis keeps
the Charge FET off until the cell voltages have dropped
below the Overcharge to Normal threshold. In most pro-
tector designs, the Charge FET is held off completely
within this voltage band. During this time, discharge cur-
rent must be conducted through the body diode of the
Charge FET. This forward voltage drop can be as high as
1V, causing significant power dissipation in the Charge
FET and wasting precious battery power.
The UCC3957 has a unique “Smart Discharge” feature
that allows the Charge FET to come back on (for dis-
charge only) while still in the overcharge hysteresis band.
This greatly reduces power dissipation in the Charge
FET. This is accomplished by sensing the voltage drop
across the current sense resistor. If this drop exceeds
15mV (corresponding to 0.6 amps of discharge current
using a .025 sense resistor), the Charge FET is turned
back on. This threshold assures that only discharge cur-
rent will be conducted. In an example using a 20m
FET
with a 1V body diode drop and a 1 amp load, the power
dissipation in Q1 would be reduced from 1 watt to 0.02
watts. Note that a similar technique is not used during
charge (when the Discharge FET is off due to cells being
in undervoltage) because the charge current should be
low while the cells are in undervoltage.
Protection Against a Runaway Charger
The use of a small N-channel level shifter (Q3 in the ap-
plication diagrams) allows the IC to interface with the
high-side Charge FET (Q1), even in the presence of a
runaway charger. Only the drain-source voltage rating of
the charge FET limits the charge voltage that the protec-
tion circuit can withstand. The Wakeup (WU) pin is de-
signed to handle input voltages greater than VDD, as
long as the current is limited. In the examples shown, the
Charge FET’s gate-source resistor (R1) provides this
current limiting. Note that in Figure 2, a resistor and
zener (R2 and VR1) have been added to protect Q1
against any possibility of a voltage transient exceeding
its maximum gate-source rating.
Overcurrent Protection
The UCC3957 protects the battery pack from an over-
load or a hard short circuit using a two-tier overcurrent
protection scheme. The overcurrent protection is de-


Similar Part No. - UCC3957-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957-1 TI-UCC3957-1 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957-1 TI-UCC3957-1 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
More results

Similar Description - UCC3957-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3957-1 ETC1-UCC3957-1 Datasheet
116Kb / 8P
   Three - Four Cell Lithium-Ion Protector Circuit
logo
Texas Instruments
UCC3957MTR-2 TI-UCC3957MTR-2 Datasheet
280Kb / 15P
[Old version datasheet]   THREE - OR FOUR-CELL LITHIUM - ION PROTECTOR CIRCUIT
UCC3957M-4 TI-UCC3957M-4 Datasheet
621Kb / 17P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
UCC3957MTR-4 TI1-UCC3957MTR-4 Datasheet
296Kb / 15P
[Old version datasheet]   THREE-OR FOUR-CELL LITHIUM-ION PROTECTOR CIRCUIT
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
logo
Silicon Standard Corp.
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29312A TI-BQ29312A Datasheet
1Mb / 35P
[Old version datasheet]   TWO-CELL, THREE-CELL, AND FOUR-CELL LITHIUM-ION OR LITHIUM-POLYMER BATTERY PROTECTION AFE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com