Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42560 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # 42560
Description  InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42560 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button 42560 Datasheet HTML 4Page - Extech Instruments Corporation. 42560 Datasheet HTML 5Page - Extech Instruments Corporation. 42560 Datasheet HTML 6Page - Extech Instruments Corporation. 42560 Datasheet HTML 7Page - Extech Instruments Corporation. 42560 Datasheet HTML 8Page - Extech Instruments Corporation. 42560 Datasheet HTML 9Page - Extech Instruments Corporation. 42560 Datasheet HTML 10Page - Extech Instruments Corporation. 42560 Datasheet HTML 11Page - Extech Instruments Corporation. 42560 Datasheet HTML 12Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
42560 V5.0 8/08
10
Analog Output
The Model 42560 is supplied with a banana plug pair to 3.5mm mini-plug cable. The
mini-plug end of the cable connects to the meter’s Transmitter base. The banana plug
test lead end can be connected to an external device such as a MultiMeter, chart
recorder, magnetic tape storage device, etc. to collect readings. An analog output of
1mVDC per degree F is provided from the output jack of the transmitter base.
Internal Datalogging
The 42560 has a 20-reading internal memory. Use the MODE button to scroll to the
LOG display (small LOG icon on the bottom left of the LCD).
Press and hold the SET button to store the current reading in the memory location
represented by the number shown next to the LOG icon.
Use the arrow keys to scroll through view data in the 20 locations.
FCC Part 15
This equipment has been tested and found to comply with the limits for a Class B digital
device, pursuant to part 15 of the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference in a residential installation. This
equipment generates, uses and can radiate radio frequency energy and, if not installed
and used in accordance with the instructions, may cause harmful interference to radio
communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment off and on, the
user is encouraged to try to correct the interference by one or more of the following
measures:
—Reorient or relocate the receiving antenna.
—Increase the separation between the equipment and receiver.
—Connect the equipment into an outlet on a circuit different from that to which the
receiver is connected.
—Consult the dealer or an experienced radio/TV technician for help.
Warning: Changes or modifications not expressly approved by the party responsible for
compliance could void the user's authority to operate the equipment.


Similar Part No. - 42560

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4256000 TURCK-4256000 Datasheet
365Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
4256090 TURCK-4256090 Datasheet
365Kb / 3P
   Inductive Sensor
11/07/2023
4256094 TURCK-4256094 Datasheet
371Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
4256095 TURCK-4256095 Datasheet
438Kb / 3P
   Inductive Sensor
11/07/2023
More results

Similar Description - 42560

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
42540A EXTECH-42540A Datasheet
332Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42535 EXTECH-42535 Datasheet
92Kb / 4P
   Mini IR Thermometer with Type K Input
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42510A EXTECH-42510A Datasheet
210Kb / 10P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42511 EXTECH-42511 Datasheet
306Kb / 11P
   Dual Laser InfraRed (IR) Thermometer
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com