Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40102F Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 40102F
Description  Recording Indoor/Outdoor Thermometer Clock
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

40102F Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  40102F Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXTECH INSTRUMENTS CORPORATION
285 Bear Hill Road, Waltham, MA 02451-1064, U.S.A.
Phone: 781-890-7440 • FAX 781-890-7864
ISO 9001:2000 CERTIFIED
07/13/05 - R1
Features:
Simultaneous display of indoor and
outdoor temperature and time
Min/Max readings of indoor and outdoor
temperatures with date and time stamp
Attractive case with built-in stand and
wall mounting brackets
°C/°F switchable
Indoor temperature range of
14 to 122°F (-10 to 50°C)
Outdoor temperature range of
-40 to 176°F (-40 to 80°C)
Accuracy of ±1° and resolution of 0.5°C/°F
Dimensions: 3.5x3.5x1" (89x89x25mm)
Weight: 4.5oz (128g)
Complete with outside temperature sensor on
6.6ft (2m) cable and three 1.5V AAA batteries
Product
DATASHEET
Recording Indoor/Outdoor Thermometer Clock
Records and recalls Min/Max Temperatures with Date and Time Stamp
Ordering Information:
40102F...............Recording Indoor/Outdoor Thermometer Clock
“Make mine an Extech!
www.extech.com


Similar Part No. - 40102F

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
40102 TURCK-40102 Datasheet
1Mb / 4P
   Inductive Sensor
11/07/2023
logo
Extech Instruments Corp...
401020 EXTECH-401020 Datasheet
380Kb / 4P
   Light Meter Adapters
logo
Wurth Elektronik GmbH &...
40102005 WURTH-40102005 Datasheet
290Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
logo
Turck, Inc.
4010201 TURCK-4010201 Datasheet
1Mb / 4P
   Inductive Sensor
11/07/2023
logo
Wurth Elektronik GmbH &...
40102010 WURTH-40102010 Datasheet
290Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
More results

Similar Description - 40102F

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M82371 MOSDESIGN-M82371 Datasheet
133Kb / 4P
   Indoor and outdoor thermometer and clock control IC
2012-04-09
logo
Extech Instruments Corp...
401014 EXTECH-401014 Datasheet
110Kb / 1P
   Big Digit Indoor/Outdoor Thermometer
445713 EXTECH-445713 Datasheet
175Kb / 1P
   Big Digit Indoor/Outdoor Hygro-Thermometer
445702 EXTECH-445702 Datasheet
106Kb / 1P
   Hygro-Thermometer Clock
445705 EXTECH-445705 Datasheet
97Kb / 1P
   Hygro-Thermometer Clock
445702 EXTECH-445702_15 Datasheet
180Kb / 1P
   Hygro-Thermometer Clock
logo
Belden Inc.
FDSL006P0 BELDEN-FDSL006P0 Datasheet
138Kb / 2P
   Indoor/Outdoor Indoor/Outdoor Plenum Loose Tube OS2 6F
11-09-2022
logo
Extech Instruments Corp...
445706 EXTECH-445706_15 Datasheet
188Kb / 1P
   Hygro-Thermometer Alarm Clock
445706 EXTECH-445706 Datasheet
187Kb / 1P
   Hygro-Thermometer Alarm Clock
logo
OSRAM GmbH
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
   indoor and outdoor displays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com