Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2804D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2804D
Description  Low-Power BiCMOS Current-Mode PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2804D Datasheet(HTML) 2 Page - Texas Instruments

  UCC2804D Datasheet HTML 1Page - Texas Instruments UCC2804D Datasheet HTML 2Page - Texas Instruments UCC2804D Datasheet HTML 3Page - Texas Instruments UCC2804D Datasheet HTML 4Page - Texas Instruments UCC2804D Datasheet HTML 5Page - Texas Instruments UCC2804D Datasheet HTML 6Page - Texas Instruments UCC2804D Datasheet HTML 7Page - Texas Instruments UCC2804D Datasheet HTML 8Page - Texas Instruments UCC2804D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
DIL-8, SOIC-8 (Top View)
J or N, D Package
OUT
VCC
REF
GND
1
2
3
4
8
7
6
5
FB
COMP
CS
RC
ABSOLUTE MAXIMUM RATINGS (Note 1)
VCC Voltage (Note 2) ............................ 12.0V
VCC Current (Note 2) .......................... 30.0mA
OUT Current ...................................
±1.0A
OUT Energy (Capacitive Load) ................... 20.0
µJ
Analog Inputs (FB, CS) .................... –0.3V to 6.3V
Power Dissipation at TA < +25°C (N or J Package) ..... 1.0W
Power Dissipation at TA < +25°C (D Package)........ 0.65W
Power Dissipation at TA < +25°C (L Package) ....... 1.375W
Storage Temperature Range .............
65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) ........ +300°C
Note 1: Values beyond which damage may occur. All voltages
are with respect to GND. All currents are positive into
the specified terminal. Consult Unitrode databook for
information regarding thermal specifications and limita-
tions of packages.
Note 2: In normal operation VCC is powered through a current
limiting resistor. Absolute maximum of 12V applies
when VCC is driven from a low impedance source such
that ICC does not exceed 30mA (which includes gate
drive current requirement). The resistor should be
sized so that the VCC voltage, under operating condi-
tions is below 12V but above the turn off threshold.
COMP
FB
CS
RC
REF
VCC
OUT
GND
8
7
6
5
1
2
3
4
CONNECTION DIAGRAMS
TSSOP-8 (Top View)
PW Package
UCC
PRODUCT OPTION
PACKAGE
80
TEMPERATURE RANGE
ORDERING INFORMATION
Temperature Range
Available Packages
UCC180X
–55°C to +125°C
J, L
UCC280X
–40°C to +85°C
N, D, PW
UCC380X
0°C to +70°C
N, D, PW
TEMPERATURE AND PACKAGE SELECTION
LCC-20
(TOP VIEW)
L Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Comp
2
N/C
3-4
FB
5
N/C
6
CS
7
N/C
8-9
RC
10
N/C
11
PWR GND
12
GND
13
N/C
14
OUT
15
N/C
16
VCC
17
N/C
18-19
REF
20


Similar Part No. - UCC2804D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2804D TI1-UCC2804D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804D TI-UCC2804D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804D TI1-UCC2804D Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2804D TI1-UCC2804D Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2804D/ TI1-UCC2804D/ Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC2804D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com