Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL523-1G13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL523-1G13
Description  5mm LED Panel Mount Metal Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL523-1G13 Datasheet(HTML) 1 Page - P-tec Corporation

  PL523-1G13 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL523 Series 5mm LED Panel Mount Metal Holder
Features
*Panel Mount Indicator with Inner Reflector
*Chrome or Black Finish
*Mounting Hole 8 mm (0.315”)
*Mounting Hardware Included
*1 Green LED with Color Diffused
Lens used
*Standard Lead Terminals
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA)…………………….……………………………………… 5.0V
Max Forward Current…….…………..………………….……..……….…………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……........…….……...…… 100mA
Operating Temperature Range……………………………………..……. -25°C to +85°C
Storage Temperature Range……………….....………………….…...… -40°C to +100°C
Soldering Temperature (1.6 mm below body)………....…………….….…. 260°C for 5 seconds
Power Dissipation…………………………………………………………………. 78mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Add S for Chrome Finish
Add B for Black Finish
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
nm
Deg
Typ
Max
Min
Typ
PL523-1G13
Green
GaP
567
572
35°
2.1
2.6
17.0
30.0
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
02-15-07 REV 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
2.54typ.
Anode
4.1
6.8
4.9
2.0
8.5
10.0
6.65
15.0 Min.
Washer
M8 x 0.75
5mm LED


Similar Part No. - PL523-1G13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL523-1G13-2 P-TEC-PL523-1G13-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1G13-2 P-TEC-PL523-1G13-2_14 Datasheet
77Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1G13 P-TEC-PL523-1G13_14 Datasheet
76Kb / 1P
   5mm LED Panel Mount Metal Holder
More results

Similar Description - PL523-1G13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL524-1R12 P-TEC-PL524-1R12 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL524-1Y01 P-TEC-PL524-1Y01_14 Datasheet
77Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2_14 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1G13-2 P-TEC-PL523-1G13-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL524-1R12-2V P-TEC-PL524-1R12-2V Datasheet
77Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1R12-2 P-TEC-PL523-1R12-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1Y01 P-TEC-PL523-1Y01 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL523-1Y01-2 P-TEC-PL523-1Y01-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL524-1G13-2 P-TEC-PL524-1G13-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
PL524-1R12-2 P-TEC-PL524-1R12-2 Datasheet
30Kb / 1P
   5mm LED Panel Mount Metal Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com