Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2634HUD-HMX8TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2634HUD-HMX8TR
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634HUD-HMX8TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2634HUD-HMX8TR Datasheet HTML 7Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 8Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 9Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 10Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 11Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 12Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 13Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 14Page - Linear Technology LTC2634HUD-HMX8TR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2634
11
2634f
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
DNL vs Temperature
Reference Output Voltage vs
Temperature
Settling to ±1LSB Rising
Settling to ±1LSB Falling
TA = 25°C, unless otherwise noted. LTC2634-L12 (Internal Reference, VFS = 2.5V)
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2634 G01
4095
2048
VCC = 3V
CODE
0
1.0
0.5
0
–0.5
–1.0
1024
3072
2634 G02
4095
2048
VCC = 3V
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2634 G03
150
0
VCC = 3V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50
1.0
0.5
0
–0.5
–1.0
–25
125
100
75
50
25
2634 G04
150
0
VCC = 3V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50
1.260
1.255
1.250
1.245
1.240
–25
125
100
75
50
25
2634 G05
150
0
VCC = 3V
2μs/DIV
CS/LD
5V/DIV
VOUT
1LSB/DIV
2634 G06
1/4 SCALE TO
3/4 SCALE STEP
VCC = 3V, VFS = 2.5V
RL = 2k, CL = 100pF
AVERAGE OF 256
EVENTS
3.1μs
2μs/DIV
CS/LD
5V/DIV
VOUT
1LSB/DIV
2634 G07
3/4 SCALE TO
1/4 SCALE STEP
VCC = 3V, VFS = 2.5V
RL = 2k, CL = 100pF
AVERAGE OF 256
EVENTS
4.2μs


Similar Part No. - LTC2634HUD-HMX8TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634HUD-HMX8TRPBF LINER-LTC2634HUD-HMX8TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634HUD-HMX8TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com