Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL520-1Y01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL520-1Y01
Description  5mm LED Snap-in Panel Mount Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL520-1Y01 Datasheet(HTML) 1 Page - P-tec Corporation

  PL520-1Y01 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL520 Series 5mm LED Snap-in Panel Mount Holder
Features
*Snap-in Design Requires no Hardware
*Mounting Hole 6.35 mm (0.25”)
*Housing Material Black Nylon UL94V-2
*1 Yellow LED with Color Diffused
Lens used
*Standard Terminals
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)….………………..……...…...…….………………….…. 5.0V
Max Forward Current…….…………..………………….……..…………………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……........…………….….. 100mA
Operating Temperature Range……………………………………….…. -25°C to +85°C
Storage Temperature Range……………….....……………………….. –40°C to +100°C
Soldering Temperature (1.6 mm below body)………....………………….... 260° for 5 seconds
Power Dissipation……………………………………………………………….... 78mW
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
Deg
Typ
Max
Min
Typ
Yellow
GaAsP
585
30°
2.1
2.6
13.0
33.0
PL520-1Y01
Dominant
Wave
Length
nm
590
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-15-07 Rev 0 RS
4.8
0.8
13.2
Locking Shims (Tapered)
6.4
3.8
3.9±0.5
2.54 ±.01
10.4 Typ.
6.10 Typ.


Similar Part No. - PL520-1Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL520-1Y01-2 P-TEC-PL520-1Y01-2 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1Y01-2 P-TEC-PL520-1Y01-2_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1Y01 P-TEC-PL520-1Y01_14 Datasheet
79Kb / 1P
   5mm LED Snap-in Panel Mount Holder
More results

Similar Description - PL520-1Y01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL519M-1RG2115 P-TEC-PL519M-1RG2115_14 Datasheet
79Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R21 P-TEC-PL520-1R21_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R12-2 P-TEC-PL519-1R12-2_14 Datasheet
77Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R12 P-TEC-PL520-1R12_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R21-2 P-TEC-PL519-1R21-2 Datasheet
77Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1Y01 P-TEC-PL519-1Y01 Datasheet
29Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519M-1RG2115-2 P-TEC-PL519M-1RG2115-2 Datasheet
35Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R21 P-TEC-PL520-1R21 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R12 P-TEC-PL519-1R12 Datasheet
29Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519M-1RG1213 P-TEC-PL519M-1RG1213 Datasheet
34Kb / 1P
   5mm LED Snap-in Panel Mount Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com