Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP624 Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # TLP624
Description  LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TLP624 Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  TLP624 Datasheet HTML 1Page - ISOCOM COMPONENTS TLP624 Datasheet HTML 2Page - ISOCOM COMPONENTS TLP624 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92188m-AAS/A1
7/12/00
50
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
150
0
200
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
-30
0
25
50
75
100
Collector-emitter voltage V
CE ( V )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
100
0
0.8
1.2
1.6
2.0
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
Collector Current vs. Low
Collector-emitter Voltage
0
0.2
0.4
0.6
0.8
1.0
Current Transfer Ratio vs. Forward Current
Forward current I
F (mA)
0
40
60
80
100
0
0.5
1.0
I
F = 0.5mA
I
F = 1mA
0.4
0.1
0.2
0.5
1
2
5
120
V
CE = 0.4V
T
A = 25°C
20
I
F = 1mA
I
C = 0.5mA
1.5
I
F = 1mA
V
CE = 0.4V
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Relative Current Transfer Ratio
vs. Ambient Temperature
Ambient temperature T
A ( °C )
T
A
= 25°C


Similar Part No. - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-4X ISOCOM-SFH615A-4X Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-4XSM ISOCOM-SFH615A-4XSM Datasheet
126Kb / 3P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com