Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL195AX Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # TIL195AX
Description  HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

TIL195AX Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  TIL195AX Datasheet HTML 1Page - ISOCOM COMPONENTS TIL195AX Datasheet HTML 2Page - ISOCOM COMPONENTS TIL195AX Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
14/5/03
DB92398m-AAS/A6
0.26
20.32
19.32
3.35
4.0
3.0
0.5
13°
Max
7.0
6.0
2.54
1.2
0.5
1.2
3.0
3.35
7.0
6.0
0.5
0.5
7.62
0.26
13°
Max
2.54
10.16
SURFACE MOUNT
0.26
7.62
3.0
10.16
9.16
4.0
3.0
3.35
0.5
7.0
6.0
7.62
1.2
13°
Max
0.5
0.26
2.54
Dimensions in mm
HIGH DENSITY A.C. INPUT
PHOTOTRANSISTOR OPTICALLY
COUPLED ISOLATORS
1
2
3
7
8
16
15
10
4
13
11
12
14
9
6
5
4
8
7
6
2
1
3
5
4
3
1
2
APPROVALS
l
UL recognised, File No. E91231
'X'SPECIFICATIONAPPROVALS
l
VDE 0884 in 3 available lead form:
- STD
- G form
- SMD approved to CECC 00802
l
l
TIL194X/AX/BX Certified to EN60950 by the
following Test Bodies :-
Nemko - Certificate No. P01102465
Fimko - Certificate No. FI18162
Semko - Reference No. 0202041/01-25
Demko - Certificate No. 311161-01
l
l
TIL194X/AX/BX : BSI approved
- Certificate No. 8001
DESCRIPTION
The TIL194, TIL195, TIL196 series of optically
coupled isolators consist of two infrared light
emitting diodes connected in inverse parallel and
NPN silicon photo transistors in space efficient
dual in line plastic packages.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
HighIsolationVoltage(5.3kV
RMS,7.5kVPK )
l
AC or polarity insensitive input
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
Computer terminals
l
Industrial systems controllers
l
Telephone sets, Telephone exchangers
l
Signal transmission between systems of
different potentials and impedances
OPTION G
OPTION SM
5.08
4.08
4.0
3.0
7.62
TIL194, TIL195, TIL196, TIL194X, TIL195X, TIL196X
TIL194A, TIL195A,TIL196A, TIL194AX, TIL195AX,TIL196AX
TIL194B, TIL195B, TIL196B, TIL194BX, TIL195BX, TIL196BX
TIL194
TIL194A
TIL194B
TIL195
TIL195A
TIL195B
TIL196
TIL196A
TIL196B
10.46
9.86
0.6
0.1
1.25
0.75
3.0


Similar Part No. - TIL195AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL195AX ETC-TIL195AX Datasheet
84Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Similar Description - TIL195AX

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
TLP620X ISOCOM-TLP620X Datasheet
75Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
TIL194 ETC-TIL194 Datasheet
84Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP814 ETC-ISP814 Datasheet
98Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Panasonic Semiconductor
ISP814XSM PANASONIC-ISP814XSM Datasheet
90Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP814XSM ISOCOM-ISP814XSM Datasheet
90Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TLP620X ISOCOM-TLP620X_09 Datasheet
99Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP620-1X ISOCOM-ISP620-1X_08 Datasheet
89Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP814 ISOCOM-ISP814_08 Datasheet
91Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PS2505-1X ISOCOM-PS2505-1X Datasheet
85Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
ISP620-1X ETC-ISP620-1X Datasheet
69Kb / 3P
   HIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com