Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ24BKU Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKZ24BKU
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ24BKU Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKZ24BKU Datasheet HTML 1Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 2Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 3Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 4Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 5Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 6Page - Renesas Technology Corp RKZ24BKU Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RKZ-KU Series
Preliminary
REJ03G1771-0100 Rev.1.00 Jul 13, 2009
Page 4 of 6
Mark Code
Part No.
Mark No.
Part No.
Mark No.
Part No.
Mark No.
RKZ2.4AKU
2A4
RKZ8.2AKU
8A2
RKZ22AKU
22A
RKZ2.4BKU
2B4
RKZ8.2BKU
8B2
RKZ22BKU
22B
RKZ2.7AKU
2A7
RKZ8.2CKU
8C2
RKZ22CKU
22C
RKZ2.7BKU
2B7
RKZ9.1AKU
9A1
RKZ22DKU
22D
RKZ3.0AKU
3A0
RKZ9.1BKU
9B1
RKZ24AKU
24A
RKZ3.0BKU
3B0
RKZ9.1CKU
9C1
RKZ24BKU
24B
RKZ3.3AKU
3A3
RKZ10AKU
10A
RKZ24CKU
24C
RKZ3.3BKU
3B3
RKZ10BKU
10B
RKZ24DKU
24D
RKZ3.6AKU
3A6
RKZ10CKU
10C
RKZ27AKU
27A
RKZ3.6BKU
3B6
RKZ10DKU
10D
RKZ27BKU
27B
RKZ3.9AKU
3A9
RKZ11AKU
11A
RKZ27CKU
27C
RKZ3.9BKU
3B9
RKZ11BKU
11B
RKZ27DKU
27D
RKZ4.3AKU
4A3
RKZ11CKU
11C
RKZ30AKU
30A
RKZ4.3BKU
4B3
RKZ12AKU
12A
RKZ30BKU
30B
RKZ4.3CKU
4C3
RKZ12BKU
12B
RKZ30CKU
30C
RKZ4.7AKU
4A7
RKZ12CKU
12C
RKZ30DKU
30D
RKZ4.7BKU
4B7
RKZ13AKU
13A
RKZ33AKU
33A
RKZ4.7CKU
4C7
RKZ13BKU
13B
RKZ33BKU
33B
RKZ5.1AKU
5A1
RKZ13CKU
13C
RKZ33CKU
33C
RKZ5.1BKU
5B1
RKZ15AKU
15A
RKZ33DKU
33D
RKZ5.1CKU
5C1
RKZ15BKU
15B
RKZ36AKU
36A
RKZ5.6AKU
5A6
RKZ15CKU
15C
RKZ36BKU
36B
RKZ5.6BKU
5B6
RKZ16AKU
16A
RKZ36CKU
36C
RKZ5.6CKU
5C6
RKZ16BKU
16B
RKZ36DKU
36D
RKZ6.2AKU
6A2
RKZ16CKU
16C
RKZ6.2BKU
6B2
RKZ18AKU
18A
RKZ6.2CKU
6C2
RKZ18BKU
18B
RKZ6.8AKU
6A8
RKZ18CKU
18C
RKZ6.8BKU
6B8
RKZ20AKU
20A
RKZ6.8CKU
6C8
RKZ20BKU
20B
RKZ7.5AKU
7A5
RKZ20CKU
20C
RKZ7.5BKU
7B5
RKZ20DKU
20D
RKZ7.5CKU
7C5
Note:
1. Example of Marking
10B
3B6
RKZ3.6BKU
RKZ10BKU


Similar Part No. - RKZ24BKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ24BKV RENESAS-RKZ24BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ24BKV RENESAS-RKZ24BKV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
More results

Similar Description - RKZ24BKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com