Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC29421PWTR Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC29421PWTR
Description  Multimode High Frequency PWM Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29421PWTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC29421PWTR Datasheet HTML 6Page - Texas Instruments UCC29421PWTR Datasheet HTML 7Page - Texas Instruments UCC29421PWTR Datasheet HTML 8Page - Texas Instruments UCC29421PWTR Datasheet HTML 9Page - Texas Instruments UCC29421PWTR Datasheet HTML 10Page - Texas Instruments UCC29421PWTR Datasheet HTML 11Page - Texas Instruments UCC29421PWTR Datasheet HTML 12Page - Texas Instruments UCC29421PWTR Datasheet HTML 13Page - Texas Instruments UCC29421PWTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
PFM mode (continued)
Where 0.3 V is the internal offset and K is the nominal current-sense amplifier gain of 10 and RSENSE is the value
of the current-sense resistor. Note that in this case, the PFM pin voltage is set by the R1/R2 resistive divider
off of the FB pin, which is regulated to 1.25 V.
During sleep mode, the COMP pin is forced to 70 mV above the PFM pin voltage. This minimizes error amplifier
overshoot when coming out of sleep mode, and prevents erroneously tripping the PFM comparator.
disabling PFM mode
The user may disable PFM mode by pulling the PFM pin below 0.2 V. In this case, the UCC39421 remains on,
in fixed frequency operation at all load currents. The PFM pin can also be driven, through a resistive divider,
off of an output from the system controller. This allows the system controller to prepare for an expected step
increase in load, improving the converter’s large signal transient response. An example of this is shown in
Figure 3.
UCC39421
R2
R1
PFM
ENABLE OUTPUT
FROM CONTROLLER
7
Figure 3. Driving the PFM Pin From a Controller Output
choosing a topology and optimal synchronous rectifier
The UCC39421 is designed to be very flexible, and can be used in boost, flyback and SEPIC topologies. It can
operate from input voltages between 1.8 V and 8.0 V. Output voltages can be between 2.5 V and 8.0 V. It can
also drive either N- or P-channel MOSFET synchronous rectifiers. Table 1 can be used to select the appropriate
topology for a given combination of input and output voltage requirements. Although it is designed to operate
as a peak current mode controller, it can also be configured for voltage mode control. This is discussed in a later
section.
The user can program the gate drive output on the RECT pin for N-channel MOSFETs by grounding the RSEL
pin, or for P-channel MOSFETs by connecting the RESEL pin to VIN. Table 2 is used to determine whether an
N- or P-channel synchronous rectifier should be used.
Note: In all cases, low-voltage-logic MOSFETs should be used to achieve the lowest possible on-resistance
for the highest efficiency.
The application diagrams in Figures 4 through 8 illustrate the use of the UCC39421 in all the topologies, using
N- and P-channel rectifiers. They are be discussed in detail in the next section.


Similar Part No. - UCC29421PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421PWTR TI1-UCC29421PWTR Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC29421PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com