Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSB200-16G-2GB Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSB200-16G-2GB
Description  3.5-inch Intel Atom 1.1GHz - 1.6GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSB200-16G-2GB Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSB200-16G-2GB Datasheet HTML 1Page - ADL Embedded Solutions MSB200-16G-2GB Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
MSB200-16G-xxGB
MSB200-11G-xxGB
Part no. (incl. 0.5GB RAM)
802270
802273
Part no. (incl. 1.0GB RAM)
802271
802274
Part no. (incl. 2.0GB RAM) (not from stock)
802272
802275
CPU
Atom Z530
Atom Z510
ISA-BUS
-
-
PCI-BUS
yes (option)
yes (option)
PCI Express-BUS
-
-
2nd Level cache (kB)
512
512
Performance (GHz)
1.6GHz
1.1GHz
DRAM soldered
0.5 - 2GB
0.5 - 2GB
CompactFlash socket
yes, type II
yes, type II
Keyboard mouse (PS/2)
-
-
Boot drive
HD, CF, USB, LAN
HD, CF, USB, LAN
Floppy interface
-
-
IDE interface P-ATA
CF
CF
IDE interface S-ATA
2x
2x
COM1
RS232C
RS232C
COM2
RS232C
RS232C
COM3
-
-
COM4
-
-
LPT1
yes
yes
USB (2.0)
6x 1x client
6x 1x client
LAN Port 1 incl. onboard transformer
10/100BASE-T
10/100BASE-T
LAN Port 2 incl. onboard transformer
1GB-LAN
1GB-LAN
Audio
Stereo In/Out
Stereo In/Out
Video controller
internal
internal
Video Memory
Shared GMA 500
Shared GMA 500
LCD interface (option 802276)
yes
yes
DVI interface
yes
yes
CRT interface
-
-
Video input
-
-
Watchdog
yes
yes
Power normal (typ.)
8V-30V/12W
8V-30V/10W
Power suspend
0.1W
0.1W
Power management
yes
yes
RTC battery onboard (typ. 5 years)
235mAh
235mAh
Cooling type
passive
passive
Operating temperature
-25°C to +70°C*
-25°C to +70°C
Extended operating temperature (E48)
-40°C to +85°C*
-40°C to +85°C
Size (W x L x H in mm)
146 x 102 x 22
146 x 102 x 22
Weight
150 g
150 g
MTBF
>200'000h
>200'000h
Special features 1
PCIe MiniCard socket
PCIe MiniCard socket
Special features 2
-
-
Special features 3
-
-


Similar Part No. - MSB200-16G-2GB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB201S RECTRON-MSB201S Datasheet
210Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB201S RECTRON-MSB201S Datasheet
196Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB201S-T-A01 RECTRON-MSB201S-T-A01 Datasheet
196Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB202S RECTRON-MSB202S Datasheet
196Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
MSB202S RECTRON-MSB202S Datasheet
210Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
2016-08 REV: O
More results

Similar Description - MSB200-16G-2GB

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADLS15HD ADL-ADLS15HD Datasheet
229Kb / 2P
   Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
ADLS15HD ADL-ADLS15HD_15 Datasheet
557Kb / 2P
   Intel Atom Z5xx 1.1GHz - 1.6GHz, US15W SCH
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
   Intel Atom N270 (1.6GHz) CPU on board
EB-591LF PROTECHSYSTEMS-EB-591LF Datasheet
716Kb / 2P
   3.5" SBC supports Intel Atom?
logo
DFI Inc
BT551 DFI-BT551 Datasheet
853Kb / 2P
   Intel Atom E3800 Series 3.5
AL553 DFI-AL553 Datasheet
939Kb / 2P
   Intel Atom Processor E3900 Series 3.5 SBC
logo
Protech Systems Co., Lt...
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
   Intel Atom??Z510/ Z530 3.5" Embedded Board
logo
ADL Embedded Solutions
ADLN2000PC ADL-ADLN2000PC Datasheet
215Kb / 2P
   Intel Atom N2600, 1.60 GHz, 3.5 Watts
logo
AAEON Technology
GENE-U15B AAEON-GENE-U15B Datasheet
426Kb / 2P
   3.5??SubCompact Board with Intel Atom Z5x0P Processor
GENE-9455 AAEON-GENE-9455 Datasheet
407Kb / 2P
   3.5??SubCompact Board With Onboard Intel Atom N270 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com