Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

27CP Datasheet(PDF) 2 Page - DDK Ltd.

Part # 27CP
Description  75廓 SMB Type Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

27CP Datasheet(HTML) 2 Page - DDK Ltd.

  27CP Datasheet HTML 1Page - DDK Ltd. 27CP Datasheet HTML 2Page - DDK Ltd. 27CP Datasheet HTML 3Page - DDK Ltd. 27CP Datasheet HTML 4Page - DDK Ltd. 27CP Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
27CP Series
Unit : mm
■ Plug
P/N
Applicable Cable
Finish
Hand Crimp
Tool P/N
Shell
Contact
27CP-P-1.5
1.5C-2V
Ni
Au
CR-H-1100
27CP-P-1.5W
1.5C-2W
Ni
Au
CR-H-1100
27CP-P-2.5
2.5C-2V
Ni
Au
CR-H-1100
P/N
Applicable
Cable
φA
L
Finish
Hand Crimp
Tool P/N
Shell
Contact
27CP-SP-2.5C2V-CR1
2.5C-2V
5.90
19.3
Au
Au
CR-H-1163
27CP-SP-2.5C2W-CR1
2.5C-2W
6.25
23.5
Au
Au
CR-H-1105
27CP-SP-3C2V-CR1
3C-2V
7.00
23.5
Au
Au
CR-H-1102
27CP-SP-3C2W-CR1
3C-2W
7.60
23.5
Au
Au
CR-H-1103
P/N
Applicable
Cable
Finish
Hand Crimp
Tool P/N
Shell
Contact
27CP-SP-2.5C2V-CR1-2
2.5C-2V
Au
Au
CR-H-1163
P/N
Applicable
Cable
Finish
Hand Crimp
Tool P/N
Shell
Contact
27CP-SP-2.5C2W-CR1-2
2.5C-2W
Au
Au
CR-H-1105
16.5
L
20.3
8
24.1
12.8
2


Similar Part No. - 27CP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
27CP-BJ-1.5-CF DDK-27CP-BJ-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
27CP-BJ-1.5W-CF DDK-27CP-BJ-1.5W-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
27CP-BJ-2.5-CF DDK-27CP-BJ-2.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
27CP-BJ-2.5W-CF DDK-27CP-BJ-2.5W-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
27CP-BR-CF DDK-27CP-BR-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
More results

Similar Description - 27CP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
27CP-P-1.5-CF DDK-27CP-P-1.5-CF Datasheet
786Kb / 5P
   75 廓 SMB Style Coaxial Connector
27DP DDK-27DP Datasheet
256Kb / 9P
   SMB Type Connectors
logo
Pomona Electronics
6752A POMONA-6752A Datasheet
234Kb / 2P
   BNC (M) Crimp Type, 75 廓
logo
DDK Ltd.
SSMB75-LR-PC DDK-SSMB75-LR-PC Datasheet
190Kb / 3P
   75 SSMB Type Connectors
logo
Anaren Microwave
0922B75-37A ANAREN-0922B75-37A Datasheet
729Kb / 4P
   Xinger Balun 75廓 to 75廓 Balanced
logo
Pasternack Enterprises,...
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
   75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
   75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com