Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH72544R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH72544R
Description  Microcomputer Development Environment System
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH72544R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH72544R Datasheet HTML 6Page - Renesas Technology Corp SH72544R Datasheet HTML 7Page - Renesas Technology Corp SH72544R Datasheet HTML 8Page - Renesas Technology Corp SH72544R Datasheet HTML 9Page - Renesas Technology Corp SH72544R Datasheet HTML 10Page - Renesas Technology Corp SH72544R Datasheet HTML 11Page - Renesas Technology Corp SH72544R Datasheet HTML 12Page - Renesas Technology Corp SH72544R Datasheet HTML 13Page - Renesas Technology Corp SH72544R Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Section 1 Connecting the Emulator with the User System
Rev. 2.00 Jun. 08, 2009 Page 4 of 46
REJ10J1941-0200
1.3
Installing the H-UDI Port Connector on the User System
Table 1.3 shows the recommended H-UDI port connectors for the emulator.
Table 1.3 Recommended H-UDI Port Connectors
Connector
Type Number
Manufacturer
Specifications
DX10M-36S
Screw type
36-pin connector
DX10M-36SE,
DX10G1M-36SE
Hirose Electric Co., Ltd.
Lock-pin type
14-pin connector
2514-6002
Minnesota Mining &
Manufacturing Ltd.
14-pin straight type
38-pin connector
2-5767004-2
Tyco Electronics AMP K.K.
38-pin Mictor type
Note:
When designing the 36-pin connector layout on the user board, do not connect any
components under the H-UDI connector. When designing the 14-pin connector layout on
the user board, do not place any components within 3 mm of the H-UDI port connector.
When designing the 38-pin connector layout on the user board, reduce cross-talk noise etc.
by keeping other signal lines out of the region where the H-UDI port connector is situated.
As shown in figure 1.1, an upper limit (5 mm) applies to the heights of components
mounted around the user system connector.


Similar Part No. - SH72544R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7254R RENESAS-SH7254R Datasheet
8Mb / 1150P
   Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family
Rev.4.00
More results

Similar Description - SH72544R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R0E00008AKCE00EP49 RENESAS-R0E00008AKCE00EP49 Datasheet
652Kb / 37P
   Microcomputer Development Environment System
R0E00008AKCE00EP64 RENESAS-R0E00008AKCE00EP64 Datasheet
485Kb / 80P
   Microcomputer Development Environment System
R0E00008AKCE00EP38 RENESAS-R0E00008AKCE00EP38 Datasheet
726Kb / 35P
   Microcomputer Development Environment System
R0E00008AKCE00EP57 RENESAS-R0E00008AKCE00EP57 Datasheet
710Kb / 35P
   Microcomputer Development Environment System
R0E00008AKCE00EP63 RENESAS-R0E00008AKCE00EP63 Datasheet
871Kb / 158P
   Microcomputer Development Environment System
R0E00008AKCE00EP9 RENESAS-R0E00008AKCE00EP9 Datasheet
405Kb / 23P
   Microcomputer Development Environment System
HS7058EPH62HE RENESAS-HS7058EPH62HE Datasheet
2Mb / 242P
   Microcomputer Development Environment System
R0E00008AKCE00EP62 RENESAS-R0E00008AKCE00EP62 Datasheet
510Kb / 82P
   Microcomputer Development Environment System
R0E572167CFK10E RENESAS-R0E572167CFK10E Datasheet
728Kb / 54P
   Microcomputer Development Environment System
R0E572167CFL10E RENESAS-R0E572167CFL10E Datasheet
960Kb / 54P
   Microcomputer Development Environment System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com