Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3918 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3918
Description  Low On Resistance Hot Swap Power Manager
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3918 Datasheet(HTML) 6 Page - Texas Instruments

  UCC3918 Datasheet HTML 1Page - Texas Instruments UCC3918 Datasheet HTML 2Page - Texas Instruments UCC3918 Datasheet HTML 3Page - Texas Instruments UCC3918 Datasheet HTML 4Page - Texas Instruments UCC3918 Datasheet HTML 5Page - Texas Instruments UCC3918 Datasheet HTML 6Page - Texas Instruments UCC3918 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
UCC2918
UCC3918
Figure 4. UCC3918 in shorted condition.
APPLICATION INFORMATION (cont.)
VOUT
RL
CIN
RIFAULT
RIMAX
0V
SHORT
5
µF
52.3k
42.2k
Figure 5. Input hot swap.
COUT
RL
CIN
RIFAULT
RIMAX
22
µF5
5
µF
52.3k
60.4k
Input switched on through external FET. VOUT shows IMAX
linear amplifier limiting the changing current of COUT.
Figure 6. CT to VOUT delay (fault condition).
COUT
RL
CIN
RIFAULT
RIMAX
CT
0
µF5
5
µF
52.3k
42.4k
OPEN
Figure 7. Shutdown delay to VOUT off.
COUT
RL
CIN
RIFAULT
RIMAX
0
µF5
5
µF
52.3k
42.4k


Similar Part No. - UCC3918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DP TI-UCC3918DP Datasheet
192Kb / 11P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DP TI1-UCC3918DP Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918DPG4 TI1-UCC3918DPG4 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3918

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3918 TI-UCC3918 Datasheet
192Kb / 11P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC3918 TI1-UCC3918_09 Datasheet
367Kb / 13P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC2918 TI1-UCC2918_08 Datasheet
205Kb / 10P
[Old version datasheet]   LOW ON-RESISTANCE HOT SWAP POWER MANAGER
UCC39161 TI-UCC39161 Datasheet
258Kb / 4P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC39161 TI1-UCC39161_10 Datasheet
150Kb / 6P
[Old version datasheet]   LOW CURRENT HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com