Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3895PWTRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3895PWTRG4
Description  BiCMOS Advanced Phase Shift PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3895PWTRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3895PWTRG4 Datasheet HTML 2Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 3Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 4Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 5Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 6Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 7Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 8Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 9Page - Texas Instruments UCC3895PWTRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Programming DELAB, DELCD, and the Adaptive Delay Set
The UCC3895 allows the user to set the delay between
switch commands within each leg of the full bridge power
circuit according to the following formula from the data
sheet:
t
R
V
n
DELAY
DEL
DEL
=
••
+
()
sec
25 10
25
12
For this equation VDEL is determined in conjunction with
the desire to utilize (or not utilize) the adaptive delay set
feature from the following formula:
()
[]
VV
V
V
DEL
CS
ADS
=•
+
075
0 5
..
The following diagram illustrates the resistors needed to
program the delay periods and the adaptive delay set
function.
APPLICATION INFORMATION
6
UCC1895
UCC2895
UCC3895
RAMP: The Inverting Input of the PWM Comparator. This
pin receives either the CT waveform in voltage and aver-
age current mode controls, or the current signal (plus
slope compensation) in peak current mode control. An in-
ternal discharge transistor is provided on RAMP, which is
triggered during the oscillator dead time.
RT: Oscillator Timing Resistor. (Refer to Fig. 1, Oscillator
Block Diagram) The oscillator in the UCC3895 operates
by charging an external timing capacitor, CT, with a fixed
current programmed by RT. RT current is calculated as
follows:
I
V
R
RT
T
=
30
.
where RT is in Ohms and IRT is in Amperes. RT can
range from 40k
W to 120kW Soft start charging and dis-
charging current are also programmed by IRT .
SS/DISB: Soft Start/Disable. This pin combines the two
independent functions.
: A rapid shutdown of the chip is
accomplished by any one of the following: externally
forcing SS/DISB below 0.5V, externally forcing REF
below 4V, VDD dropping below the UNLO threshold, or an
overcurrent fault is sensed (CS = 2.5V).
In the case of REF being pulled below 4V or an UVLO
condition, SS/DISB is actively pulled to ground via an
internal MOSFET switch. If an overcurrent is sensed,
SS/DISB will sink a current of (10
• IRT) until SS/DISB
falls below 0.5V.
Note that if SS/DISB is externally forced below 0.5V the
pin will start to source current equal to IRT. Also note that
the only time the part switches into the low IDD current
mode is when the part is in undervoltage lockout.
After a fault or disable condition has
passed, VDD is above the start threshold, and/or
SS/DISB falls below 0.5V during a soft stop, SS/DISB will
switch to a soft start mode.
The pin will now source
current, equal to IRT.
A user-selected capacitor on
SS/DISB determines the soft start (and soft-start) time. In
addition, a resistor in parallel with the capacitor may be
used, limiting the maximum voltage on SS/DISB. Note
that SS/DISB will actively clamp the EAOUT pin voltage
to approximately the SS/DISB pin voltage during both
soft start, soft stop, and disable conditions.
SYNC: Oscillator Synchronization. (Refer to Fig. 1, Oscil-
lator Block Diagram) This pin is bidirectional. When used
as an output, SYNC can be used as a clock, which is the
same as the chip’s internal clock. When used as an in-
put, SYNC will override the chip’s internal oscillator and
act as it’s clock signal. This bidirectional feature allows
synchronization of multiple power supplies. The SYNC
signal will also internally discharge the CT capacitor and
any filter capacitors that are present on the RAMP pin.
The internal SYNC circuitry is level sensitive, with an in-
put low threshold of 1.9V, and an input high threshold of
2.1V. A resistor as small as 3.9k
W may be tied between
SYNC and GND to reduce the sync pulse width.
VDD: Power Supply. VDD must be bypassed with a mini-
mum of a 1.0
mF low ESR, low ESL capacitor to ground.
REF: 5V,
±1.2% voltage reference. The reference
supplies power to internal circuitry, and can also supply
up to 5mA to external loads. The reference is shut down
during undervoltage lock-out but is operational during all
other disable modes. For best performance, bypass with
a 0.1
mF low ESR, low ESL capacitor to ground.
PIN DESCRIPTIONS (cont.)
9
11
10
12
DELCD
DELAB
ADS
CS
R
DELCD
R
DELAB
UCC3895


Similar Part No. - UCC3895PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3895PWTRG4 TI-UCC3895PWTRG4 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC3895PWTRG4 TI1-UCC3895PWTRG4 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
More results

Similar Description - UCC3895PWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI1-UCC1895_13 Datasheet
609Kb / 28P
[Old version datasheet]   BiCMOS Advanced Phase-Shift PWM Controller
UCC2818A-Q1 TI-UCC2818A-Q1_15 Datasheet
858Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-EP TI-UCC2895-EP_15 Datasheet
795Kb / 21P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC1895 TI-UCC1895_08 Datasheet
667Kb / 25P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com