Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC283-5 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC283-5
Description  Low Dropout 3 Ampere Linear Regulator Family
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC283-5 Datasheet(HTML) 1 Page - Texas Instruments

  UCC283-5 Datasheet HTML 1Page - Texas Instruments UCC283-5 Datasheet HTML 2Page - Texas Instruments UCC283-5 Datasheet HTML 3Page - Texas Instruments UCC283-5 Datasheet HTML 4Page - Texas Instruments UCC283-5 Datasheet HTML 5Page - Texas Instruments UCC283-5 Datasheet HTML 6Page - Texas Instruments UCC283-5 Datasheet HTML 7Page - Texas Instruments UCC283-5 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SLUS215 - OCTOBER 1998
FEATURES
• Precision Positive Series Pass
Voltage Regulation
• 0.45V Dropout at 3A
• 50mV Dropout at 10mA
• Quiescent Current Under
650µA Irrespective of Load
• Adjustable (5 Lead) Output
Voltage Version
• Fixed (3 Lead) Versions for
3.3V and 5V Outputs
• Logic Shutdown Capability
• Short Circuit Power Limit of
3%
•VIN • ISHORT
• Low VOUT to VIN Reverse
Leakage
• Thermal Shutdown
DESCRIPTION
The UCC283-3/-5/-ADJ family of positive linear series pass regulators are tailored
for low drop out applications where low quiescent power is important. Fabricated
with a BiCMOS technology ideally suited for low input to output differential applica-
tions, the UCC283-5 will pass 3A while requiring only 0.45V of typical input voltage
headroom (guaranteed 0.6V dropout). These regulators include reverse voltage
sensing that prevents current in the reverse direction. Quiescent current is always
less than 650
µA. These devices have been internally compensated in such a man-
ner that the need for a minimum output capacitor has been eliminated.
UCC283-3 and UCC283-5 versions are in 3 lead packages and have preset outputs
at 3.3V and 5.0V respectively. The output voltage is regulated to 1.5% at room tem-
perature. The UCC283-ADJ version, in a 5 lead package, regulates the output volt-
age programmed by an external resistor ratio.
Short circuit current is internally limited. The device responds to a sustained over-
current condition by turning off after a TON delay. The device then stays off for a pe-
riod, TOFF, that is 32 times the TON delay. The device then begins pulsing on and off
at the TON/(TON+TOFF) duty cycle of 3%. This drastically reduces the power dissipa-
tion during short circuit and means heat sinks need only accommodate normal op-
eration. On the 3 leaded versions of the device TON is fixed at 750µs, on the
adjustable 5 leaded versions an external capacitor sets the on time — the off time
is always 32 times TON. The external timing control pin, CT, on the five leaded ver-
sions also serves as a shutdown input when pulled low.
Internal power dissipation is further controlled with thermal overload protection cir-
cuitry. Thermal shutdown occurs if the junction temperature exceeds 165°C. The
chip will remain off until the temperature has dropped 20°C.
The UCC283 series is specified for operation over the industrial range of
−40°Cto
+85°C, and the UCC383 series is specified from 0°C to +70°C. These devices are
available in 3 and 5 pin TO-220 and TO-263 power packages.
UCC283-3/-5/-ADJ
UCC383-3/-5/-ADJ
Low Dropout 3 Ampere Linear Regulator Family
BLOCK DIAGRAM
UDG-98133


Similar Part No. - UCC283-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC283-5 TI-UCC283-5 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-5 TI1-UCC283-5 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-5 TI1-UCC283-5 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC283-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com