Electronic Components Datasheet Search |
|
PL318-1R24 Datasheet(PDF) 1 Page - P-tec Corporation |
|
PL318-1R24 Datasheet(HTML) 1 Page - P-tec Corporation |
|
1 / 1 page PL318 Series 3mm LED Snap-in Holder Features *Snap-In Panel Mount Indicator *Mounting Hole 4 mm (.156”) *No mounting Hardware required *Housing Material Black Nylon UL94V-2 *1 Red LED with Color Diffused Lens used *Standard Terminals *RoHS Compliant Absolute Maximum Ratings at TA = 25°C Reverse Voltage (<100 µA).……...…...……..……………………………….………. 5.0V Max Forward Current…………..………….….…….……..……………………… 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………..…........… 100mA Operating Temperature Range……………..……………………..….…. -25°C to +85°C Storage Temperature Range……………..……………….....…….….... -40°C to +100°C Soldering Temperature (1.6 mm below body)………………….……...… 260°C for 5 seconds Power Dissipation……………………………………………………………...…. 90mW Electrical & Optical Characteristics at TA = 25°C Part Number Emitting Color Chip Material Peak Wave Length Viewing Angle 2 θ ½ Forward Voltage @20mA (V) Lumious Intensity @20mA (mcd) nm Deg Typ Max Typ Max Red GaP 700 54° 2.1 3.0 1.5 3.0 PL318-1R24 Dominant Wave Length nm 650 All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. Tel:(800)688-0613 Tel:(719) 589 3122 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net P-tec Corp. 2405 Commerce Circle Alamosa Co. 81101 02-16-07 Rev 0 RS 3.9 0.2+0.1 4.4±0.5 1.0 16.0 Min. 2.54 1.9±0.5 Standard Leads 3.0 4.8 Cathode Anode 10.00 |
Similar Part No. - PL318-1R24 |
|
Similar Description - PL318-1R24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |