Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3752 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3752
Description  Resonant Ring Generator Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3752 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3752 Datasheet HTML 1Page - Texas Instruments UCC3752 Datasheet HTML 2Page - Texas Instruments UCC3752 Datasheet HTML 3Page - Texas Instruments UCC3752 Datasheet HTML 4Page - Texas Instruments UCC3752 Datasheet HTML 5Page - Texas Instruments UCC3752 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
UCC2752
UCC3752
(TOP VIEW) DIL-16, SOIC-16
N or D Packages
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2V
Analog Inputs (OHD, DCLIM, XTAL1, XTAL2)
Maximum Forced Voltage. . . . . . . . . . . . . . . . . . . . –0.3 to 5V
Logic Inputs
Maximum Forced Voltage . . . . . . . . . . . . . . . . . . –0.3 to 7.5V
Reference Output Current (VDD) . . . . . . . . . . . Internally Limited
Output Current (DRV1, DRV2, DRVS) Pulsed . . . . . . . . . . 1.5A
Operating Junction Temperature . . . . . . . . . . –40°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Note: Unless otherwise indicated, voltages are referenced to
ground and currents are positive into, negative out of, the spe-
cific terminals. Pulsed is defined as a less than 10% duty cycle
with a maximum duration of 500 S.
PGND
XTAL2
XTAL1
DRV2
DRVS
ENABLE
DRV1
VS12
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
N/C
OFFHOOK
FS1
OHD
FS0
GND
VDD
DCLIM
CONNECTION DIAGRAMS
FS1
FS0
MODE
Sine Wave
Frequency (Hz)
001
20
011
25
101
50
113
0
Table I. Frequency selectability decoding.
FS1
FS0
FDRVS
FDRV – FDRVS
0
0
89.469kHz
20Hz
0
1
89.464kHz
25Hz
1
0
89.439kHz
50Hz
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications hold for TA = 0°C to 70°C for the
UCC3752 and –40°C to +85°C for the UCC2752, TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V12 Supply Current Section
Supply Current
ENABLE = 0V
0.5
3
mA
ENABLE = 5V
0.5
3
mA
Internal Reference with External Bypass Section
Output Voltage (VDD)
4.85
5
5.15
V
Load Regulation
0mA
≤IVDD ≤2mA
5
mV
Line Regulation
10V < VS12 < 13V, IVDD = 1mA
3
mV
Short Circuit Current
VDD = 0
5
10
mA
Output Drivers Section (DRV1, DRV2)
Pull Up Resistance
ILOAD = 10mA to 20mA
6
15
Pull Down Resistance
ILOAD = 10mA to 20mA
6
15
Rise Time
CLOAD = 1nF
50
100
nS
Fall Time
CLOAD = 1nF
50
100
nS
Output Drivers Section (DRVS)
Pull Up Resistance
ILOAD = 10mA to 20mA
4
10
Pull Down Resistance
ILOAD = 10mA to 20mA
4
10
Sample Pulse-Width
Mode 1 (Table 1)
280
nS
Rise Time
CLOAD = 1nF
50
100
nS
Fall Time
CLOAD = 1nF
50
100
nS


Similar Part No. - UCC3752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3752 TI1-UCC3752 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
UCC3752D TI1-UCC3752D Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
UCC3752DG4 TI1-UCC3752DG4 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
UCC3752N TI1-UCC3752N Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
UCC3752NG4 TI1-UCC3752NG4 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
More results

Similar Description - UCC3752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2752 TI1-UCC2752_13 Datasheet
95Kb / 7P
[Old version datasheet]   Resonant Ring Generator Controller
logo
Supertex, Inc
HV461 SUTEX-HV461_13 Datasheet
909Kb / 14P
   Ring Generator Controller IC
logo
List of Unclassifed Man...
PD5019 ETC1-PD5019 Datasheet
209Kb / 14P
   Telephone Ring Generator Controller
logo
Supertex, Inc
HV461FG-G SUTEX-HV461FG-G Datasheet
798Kb / 14P
   Ring Generator Controller IC
HV461 SUTEX-HV461 Datasheet
306Kb / 14P
   HV461FG Ring Generator Controller IC
logo
Texas Instruments
UCC2751 TI-UCC2751 Datasheet
69Kb / 7P
[Old version datasheet]   Single Line Ring Generator Controller
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
TOKO, Inc
TK75020 TOKO-TK75020 Datasheet
87Kb / 11P
   ZVS RESONANT CONTROLLER
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
   QUASI RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com