Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9001CV-BA Datasheet(PDF) 2 Page - Linear Technology

Part # LTM9001CV-BA
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001CV-BA Datasheet(HTML) 2 Page - Linear Technology

  LTM9001CV-BA Datasheet HTML 1Page - Linear Technology LTM9001CV-BA Datasheet HTML 2Page - Linear Technology LTM9001CV-BA Datasheet HTML 3Page - Linear Technology LTM9001CV-BA Datasheet HTML 4Page - Linear Technology LTM9001CV-BA Datasheet HTML 5Page - Linear Technology LTM9001CV-BA Datasheet HTML 6Page - Linear Technology LTM9001CV-BA Datasheet HTML 7Page - Linear Technology LTM9001CV-BA Datasheet HTML 8Page - Linear Technology LTM9001CV-BA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM9001-Ax/LTM9001-Bx
2
9001fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................ –0.3V to 3.6V
Supply Voltage (VDD) ................................... –0.3V to 4V
Digital Output Supply Voltage (OVDD) .......... –0.3V to 4V
Analog Input Current (IN+, IN)............................±10mA
Digital Input Voltage
(Except AMPSHDN) ................. –0.3V to (VDD + 0.3V)
Digital Input Voltage
(AMPSHDN)..............................–0.3V to (VCC + 0.3V)
Digital Output Voltage ................–0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTM9001C................................................ 0°C to 70°C
LTM9001I.............................................–40°C to 85°C
Storage Temperature Range...................–45°C to 125°C
Maximum Junction Temperature........................... 125°C
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM9001CV-AA#PBF
LTM9001V-AA
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9001IV-AA#PBF
LTM9001V-AA
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
–40°C to 85°C
LTM9001CV-AD#PBF
LTM9001V-AD
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9001IV-AD#PBF
LTM9001V-AD
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
–40°C to 85°C
LTM9001CV-BA#PBF
LTM9001V-BA
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9001IV-BA#PBF
LTM9001V-BA
81-Lead (11.25mm
× 11.25mm × 2.3mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GDIFF
Gain
DC, LTM9001-AA
fIN = 162.5MHz (Note 3)
l
19.1
19.7
19
20.3
dB
dB
DC, LTM9001-AD
fIN = 70MHz (Note 3)
l
13.4
14
13.5
14.7
dB
dB
DC, LTM9001-BA
fIN = 140MHz (Note 3)
l
7.1
8.2
7.8
9.4
dB
dB
GTEMP
Gain Temperature Drift
VIN = Maximum, (Note 3)
2
mdB/°C
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
IN
1
J
H
G
F
E
D
C
B
A
234
LGA PACKAGE
TJMAX = 125°C, JA = 15°C/W, JCtop = 19°C/W
JA DERIVED FROM 60mm
70mm PCB WITH 4 LAYERS
WEIGHT = 0.71g
56789
DATA
TOP VIEW
ALL ELSE
= GND
CONTROL
OGND
OVDD
VCC
DNC
VDD OGND
CONTROL
OVDD
OGND
ENC+
IN+
ENC


Similar Part No. - LTM9001CV-BA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001CV-BA-PBF LINER-LTM9001CV-BA-PBF Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001CV-BAPBF LINER-LTM9001CV-BAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001CV-BA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com