Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9002IV-LA Datasheet(PDF) 3 Page - Linear Technology

Part # LTM9002IV-LA
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002IV-LA Datasheet(HTML) 3 Page - Linear Technology

  LTM9002IV-LA Datasheet HTML 1Page - Linear Technology LTM9002IV-LA Datasheet HTML 2Page - Linear Technology LTM9002IV-LA Datasheet HTML 3Page - Linear Technology LTM9002IV-LA Datasheet HTML 4Page - Linear Technology LTM9002IV-LA Datasheet HTML 5Page - Linear Technology LTM9002IV-LA Datasheet HTML 6Page - Linear Technology LTM9002IV-LA Datasheet HTML 7Page - Linear Technology LTM9002IV-LA Datasheet HTML 8Page - Linear Technology LTM9002IV-LA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM9002
3
9002f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GDIFF
Gain
DC, LTM9002-AA
fIN = 140MHz
l
25
26
25
27
dB
dB
Channel A, DC (LTM9002-LA)
fIN = 15MHz
Channel B, DC (LTM9002-LA)
fIN = 15MHz
l
l
19.4
7.5
20
19
8
7
20.6
8.5
dB
dB
dB
dB
GTEMP
Gain Temperature Drift
VIN = MAX, (Note 3)
1.5
mdB/°C
Gain Matching
External Reference
5
mdB
VIN
Input Voltage Range for –1dBFS
Both Channels, fIN = 140MHz (LTM9002-AA)
100
mVP-P
Channel A, fIN = 15MHz (LTM9002-LA)
200
mVP-P
Channel B, fIN = 15MHz (LTM9002-LA)
800
mVP-P
VINCM
Input Common Mode Voltage Range
1
1.5
V
RINDIFF
Differential Input Impedance
Both Channels (LTM9002-AA)
50
Ω
Channel A (LTM9002-LA)
Channel B (LTM9002-LA)
200
400
Ω
Ω
CINDIFF
Differential Input Capacitance
Includes Parasitic
1
pF
VOS
Offset Error (Note 5)
Including Amplifier and ADC
l
–5
0.3
5
mV
Offset Matching
0.3
mV
Offset Drift
Including Amplifier and ADC
±10
μV/°C
CMRR
Common Mode Rejection Ratio
50
dB
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
l
–3
3
μA
IMODE
MODE Input Leakage
0V < MODE < VDD
l
–3
3
μA
tAP
Sample and Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
0.2
psRMS
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADC Characteristics
Resolution (No Missing Codes)
LTM9002-AA
l
14
Bits
LTM9002-LA
l
12
Bits
INL
Integral Linearity Error (Note 4)
LTM9002-AA
±1.5
LSB
LTM9002-LA
±0.3
LSB
DNL
Differential Linearity Error
LTM9002-AA
l
–1
±0.6
1
LSB
LTM9002-LA
l
–1
±0.2
1
LSB
CONVERTER CHARACTERISTICS The l indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTM9002IV-LA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9002 LINER-LTM9002 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTM9002 LINER-LTM9002 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTM9002 LINER-LTM9002 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTM9002 LINER-LTM9002 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
More results

Similar Description - LTM9002IV-LA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com