Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9001IV-BAPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTM9001IV-BAPBF
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001IV-BAPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM9001IV-BAPBF Datasheet HTML 5Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 6Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 7Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 8Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 9Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 10Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 11Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 12Page - Linear Technology LTM9001IV-BAPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM9001-Ax/LTM9001-Bx
9
9001fb
TYPICAL PERFORMANCE CHARACTERISTICS
Best Fit Integral Non-Linearity
(INL) vs Output Code
Differential Non-Linearity (DNL)
vs Output Code
64k Point FFT, fIN = 162.4MHz,
–1dBFS, PGA = 0, RAND “Off”,
Dither “Off”
64k Point FFT, fIN = 162.4MHz,
–1dBFS, PGA = 1, RAND “Off”,
Dither “Off”
64k Point 2-Tone FFT, fIN = 161.5MHz,
and 163.5MHz, –7dBFS, PGA = 0,
RAND “Off”, Dither “Off”
IF Frequency Response
Input Impedance vs Frequency
Shorted Inputs Histogram with
130k Samples
FREQUENCY (MHz)
120
–4
–2
0
150
170
200
9001 G05
–6
–8
–10
130 140
160
180 190
FREQUENCY (MHz)
50
150
100
200
250
0
–45
–90
100
10
1000
9001 G04
MAGNITUDE
PHASE
ADC OUTPUT CODE
33484
5000
4000
3000
8000
7000
6000
9000
9001 G03
2000
1000
0
33504
33524
33544
ADC OUTPUT CODE
0
1
0
3
4
2
5
49152
9001 G02
–1
–2
–3
–4
–5
16384
32768
65536
ADC OUTPUT CODE
0
0.1
0
0.3
0.4
0.2
0.5
49152
9001 G01
–0.1
–0.2
–0.3
–0.4
–0.5
16384
32768
65536
–80
–60
–40
–20
0
9001 G06
–100
–120
HD3
HD2
FREQUENCY (MHz)
010
30
40
20
50
60
–80
–60
–40
–20
0
9001 G07
–100
–120
HD2
HD3
FREQUENCY (MHz)
010
30
40
20
50
60
–80
–60
–40
–20
0
9001 G08
–100
–120
FREQUENCY (MHz)
010
30
40
20
50
60
(LTM9001-AA)


Similar Part No. - LTM9001IV-BAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001IV-BAPBF LINER-LTM9001IV-BAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001IV-BAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com