Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9001IV-GA Datasheet(PDF) 3 Page - Linear Technology

Part # LTM9001IV-GA
Description  16-Bit IF/Baseband Receiver Subsystem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001IV-GA Datasheet(HTML) 3 Page - Linear Technology

  LTM9001IV-GA Datasheet HTML 1Page - Linear Technology LTM9001IV-GA Datasheet HTML 2Page - Linear Technology LTM9001IV-GA Datasheet HTML 3Page - Linear Technology LTM9001IV-GA Datasheet HTML 4Page - Linear Technology LTM9001IV-GA Datasheet HTML 5Page - Linear Technology LTM9001IV-GA Datasheet HTML 6Page - Linear Technology LTM9001IV-GA Datasheet HTML 7Page - Linear Technology LTM9001IV-GA Datasheet HTML 8Page - Linear Technology LTM9001IV-GA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM9001-GA

9001gaf
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CMRR
Common Mode Rejection Ratio
60
dB
ISENSE
SENSE Input Leakage Current
0V < SENSE < VDD (Note 9)
l
–3
3
µA
IMODE
MODE Pin Pull-Down Current to GND
10
µA
IOE
OE Pin Pull-Down Current to GND
10
µA
tAP
Sample-and-Hold Acquisition Delay Time
1
ns
tJITTER
Sample-and-Hold Acquisition Delay Time Jitter
70
fsRMS
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
16
Bits
Integral Linearity Error
Differential Input LTM9001-GA (Note 5)
l
±2.4
±8
LSB
Differential Linearity Error
Differential Input
l
±0.3
±1
LSB
Transition Noise
External Reference
1
LSBRMS
converTer characTerisTics The
l
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
76
78
75.4
dBFS
dBFS
SFDR
Spurious Free Dynamic Range, 2nd or 3rd
Harmonic
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
76
87
89.8
dBc
dBc
SFDR
Spurious Free Dynamic Range 4th or Higher
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
91
100
99
dBc
dBc
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
75
77.4
74.8
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at –15dBFS,
Dither “OFF”
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
91
105
107.5
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at –15dBFS,
Dither “ON”
5MHz Input (PGA = 0)
5MHz Input (PGA = 1)
l
93
107
109
dBFS
dBFS
IMD3
Third Order Intermodulation Distortion;
1MHz Tone Spacing, 2 Tones at –7dBFS
fIN = 5MHz
85
dB
IIP3
Equivalent Third Order Input Intercept Point,
2 Tone
fIN = 5MHz
36.5
dBm
DynaMic accuracy The
l
indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)


Similar Part No. - LTM9001IV-GA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001IV-AA LINER-LTM9001IV-AA Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-AA-PBF LINER-LTM9001IV-AA-PBF Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-AAPBF LINER-LTM9001IV-AAPBF Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-AAPBF LINER-LTM9001IV-AAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001IV-AD LINER-LTM9001IV-AD Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001IV-GA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com