Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM9001CV-GA Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9001CV-GA
Description  16-Bit IF/Baseband Receiver Subsystem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001CV-GA Datasheet(HTML) 4 Page - Linear Technology

  LTM9001CV-GA Datasheet HTML 1Page - Linear Technology LTM9001CV-GA Datasheet HTML 2Page - Linear Technology LTM9001CV-GA Datasheet HTML 3Page - Linear Technology LTM9001CV-GA Datasheet HTML 4Page - Linear Technology LTM9001CV-GA Datasheet HTML 5Page - Linear Technology LTM9001CV-GA Datasheet HTML 6Page - Linear Technology LTM9001CV-GA Datasheet HTML 7Page - Linear Technology LTM9001CV-GA Datasheet HTML 8Page - Linear Technology LTM9001CV-GA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM9001-GA

9001gaf
The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 4)
power requireMenTs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs (DITH, PGA, ADCSHDN, RAND, CLK, OE)
VIH
High Level Input Voltage
VDD = 3.3V
l
2
V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
±10
µA
CIN
Input Capacitance
(Note 7)
1.5
pF
Logic Inputs (AMPSHDN)
VIH
High Level Input Voltage
VCC = 3.3V
l
2
V
VIL
Low Level Input Voltage
VCC = 3.3V
l
0.8
V
IIH
Input High Current
VIN = 2V
1.3
µA
IIL
Input Low Current
VIN = 0.8V
0.1
µA
CIN
Input Capacitance
(Note 7)
1.5
pF
Logic Outputs
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V, IO = –10µA
VDD = 3.3V, IO = –200µA
l
3.1
3.299
3.29
V
V
VOL
Low Level Output Voltage
VDD = 3.3V, IO = 10µA
VDD = 3.3V, IO = 1.6mA
l
0.01
0.1
0.4
V
V
ISOURCE
Output Source Current
VOUT = 0V
–50
mA
ISINK
Output Sink Current
VOUT = 3.3V
50
mA
OVDD = 2.5V
VOH
High Level Output Voltage
VDD = 3.3V, IO = –200µA
2.49
V
VOL
Low Level Output Voltage
VDD = 3.3V, IO = 1.6mA
0.1
V
OVDD = 1.8V
VOH
High Level Output Voltage
VDD = 3.3V, IO = –200µA
1.79
V
VOL
Low Level Output Voltage
VDD = 3.3V, IO = 1.6µA
0.1
V
DigiTal inpuTs anD ouTpuTs The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
ADC Analog Supply Voltage
(Note 8)
l
3.135
3.3
3.465
V
VCC
Amplifier Supply Voltage
l
2.85
3.5
V
ICC
Amplifier Supply Current
l
100
136
mA
PSHDN
Total Shutdown Power
AMPSHDN = ADCSHDN = 3.3V
10
mW
OVDD
Output Supply Voltage
(Note 8)
l
0.5
3.6
V
IVDD
Analog Supply Current
LTM9001-GA
l
66
80
mA
PDISS
ADC Power Dissipation
LTM9001-GA
l
220
265
mW
PDISS(TOTAL)
Total Power Dissipation
LTM9001-GA
550
mW


Similar Part No. - LTM9001CV-GA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001CV-AA LINER-LTM9001CV-AA Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001CV-AA-PBF LINER-LTM9001CV-AA-PBF Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001CV-AAPBF LINER-LTM9001CV-AAPBF Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001CV-AAPBF LINER-LTM9001CV-AAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001CV-AD LINER-LTM9001CV-AD Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001CV-GA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com