Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6412 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 5 Page - Linear Technology

  LTC6412 Datasheet HTML 1Page - Linear Technology LTC6412 Datasheet HTML 2Page - Linear Technology LTC6412 Datasheet HTML 3Page - Linear Technology LTC6412 Datasheet HTML 4Page - Linear Technology LTC6412 Datasheet HTML 5Page - Linear Technology LTC6412 Datasheet HTML 6Page - Linear Technology LTC6412 Datasheet HTML 7Page - Linear Technology LTC6412 Datasheet HTML 8Page - Linear Technology LTC6412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6412
5
6412f
AC ELECTRICAL CHARACTERISTICS The l denotes specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Typical AC electrical performance measured in demo board DC1464A
(Figure 3, Test Circuit A) unless otherwise noted. Default operating conditions are VCC = 3.3V, EN = 0.8V, SHDN = 2.2V, +VG tied to VREF
(negative gain slope mode), and ZSOURCE = ZLOAD = 50Ω unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Small Signal
BWGMAX
–3dB Bandwidth for Sdd21 at Maximum Gain –VG = 0V, Test Circuit B
800
MHz
BWGMIN
–3dB Bandwidth for Sdd21 at Minimum Gain
–VG = 1.2V, Test Circuit B
800
MHz
Sdd11
Input Match at ZSOURCE = 50Ω Differential
–VG = 0V to 1.2V, 10MHz-500MHz,
Test Circuit B
–20
dB
Sdd22
Output Match at ZLOAD = 200Ω Differential
–VG = 0V to 1.2V, 10MHz-250MHz,
Test Circuit B
–10
dB
Sdd12
Reverse Isolation
–VG = 0V to 1.2V, 10MHz-500MHz,
Test Circuit B
-80
dB
Transient Response
tSTEP(6dB)
6dB Gain Step Response Time
Peak POUT = +4dBm, –VG = 0.2V to 0.4V,
Time to Settle Within 1dB of Final POUT
0.4
μs
tSTEP(12dB)
12dB Gain Step Response Time
Peak POUT = +4dBm, –VG = 0.2V to 0.6V,
Time to Settle Within 1dB of Final POUT
0.4
μs
tSTEP(20dB)
20dB Gain Step Response Time
Peak POUT = +4dBm, –VG = 0.2V to 0.8V,
Time to Settle Within 1dB of Final POUT
0.4
μs
tOVDR
Overdrive Recovery Time at 70MHz
–VG = 0V, PIN = +3dBm to –17dBm, Time to
Settle Within 1dB of Final POUT
25
ns
tOFF
Output Amplifier Disable Time
POUT = 0dBm at EN = 0V, –VG = 0V,
EN = 0V to 3V, Time for POUT ≤ –20dBm
25
ns
tON
Output Amplifier Enable Time
POUT = 0dBm at EN = 0V, –VG = 0V, EN = 3V to
0V, Time for POUT ≥ –1dBm
20
ns
70MHz Signal
GMAX
Maximum Gain
–VG = 0V, Test Circuit B
17
dB
GMIN
Minimum Gain
–VG = 1.2V, Test Circuit B
–15
dB
GRANGE
Gain Range
GMAX-GMIN
32
dB
HD2
Second Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–80
dBc
HD3
Third Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–80
dBc
IM3
Third-Order Intermodulation
f1 = 69.5MHz, f2 = 70.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
–90
dBc
OIP3
Output Third-Order Intercept
f1 = 69.5MHz, f2 = 70.5MHz,
POUT = –6dBm/Tone, –VG = 0V to 1.0V
39
dBm
P1dBGMAX
Output 1dB Compression Point at Max Gain
–VG = 0V (Note 6)
13
dBm
NFGMAX
Noise Figure at Maximum Gain
–VG = 0V (Note 5)
10
dB
NFGMIN
Noise Figure at Minimum Gain
–VG = 1.2V (Note 5)
42
dB
140MHz Signal
GMAX
Maximum Gain
–VG = 0V, Test Circuit B
17
dB
GMIN
Minimum Gain
–VG = 1.2V, Test Circuit B
–15
dB
GRANGE
Gain Range
GMAX-GMIN
32
dB
HD2
Second Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–80
dBc
HD3
Third Harmonic Distortion
POUT = 0dBm, –VG = 0V to 1.0V
–75
dBc


Similar Part No. - LTC6412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC6412 LINER-LTC6412 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6412 LINER-LTC6412 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
More results

Similar Description - LTC6412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
logo
Analog Devices
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
Linear Technology
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
   Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com