Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4160-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4160-1
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4160-1 Datasheet HTML 2Page - Linear Technology LTC4160-1 Datasheet HTML 3Page - Linear Technology LTC4160-1 Datasheet HTML 4Page - Linear Technology LTC4160-1 Datasheet HTML 5Page - Linear Technology LTC4160-1 Datasheet HTML 6Page - Linear Technology LTC4160-1 Datasheet HTML 7Page - Linear Technology LTC4160-1 Datasheet HTML 8Page - Linear Technology LTC4160-1 Datasheet HTML 9Page - Linear Technology LTC4160-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4160/LTC4160-1
6
41601f
TYPICAL PERFORMANCE CHARACTERISTICS
Battery Charge Current vs VOUT
Voltage
VOUT Voltage vs Battery Voltage
(Charger Overprogrammed)
VOUT Voltage vs Load Current
(Battery Charger Enabled)
PowerPath Switching Regulator
Transient Response
PowerPath Switching Regulator
Efficiency vs Load Current
Battery Charging Efficiency vs
Battery Voltage with No External
Load (PBAT/PVBUS)
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
VOUT Voltage vs Load Current
(Battery Charger Disabled)
TA = 25°C, unless otherwise noted.
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
41601 G07
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
VBUS = 5V
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
41601 G08
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
LOAD CURRENT (mA)
0
4.00
4.25
4.50
800
41601 G09
3.75
3.00
2.75
3.50
2.50
3.25
200
400
600
1000
BAT = 4V
BAT = 3.4V
BAT = 2.8V
VBUS = 5V
RCLPROG = 3.01k
RPROG = 2k
VOUT (V)
3.40
0
100
200
300
400
3.50
3.60
3.70
3.80
41601 G10
500
600
3.45
3.55
3.65
3.75
RCLPROG = 3.01k
RPROG = 2k
5x MODE
BATTERY VOLTAGE (V)
2.7
3.9
4.3
4.7
3.9
41601 G11
3.5
3.1
3.7
4.1
4.5
3.3
2.9
2.7
3.0
3.3
3.6
4.2
5x MODE
1x MODE
VBUS = 5V
IVOUT = 0μA
RCLPROG = 3.01k
RPROG = 1k
BATTERY VOLTAGE
LOAD CURRENT (mA)
0
800
41601 G12
200
400
600
1000
BAT = 4V
BAT = 3.4V
BAT = 2.8V
VBUS = 5V
RCLPROG = 3.01k
RPROG = 2k
4.00
4.25
4.50
3.75
3.00
2.75
3.50
2.50
3.25
VOUT
50mV/DIV
AC-COUPLED
IVOUT
500mA/DIV
0mA
20μs/DIV
41601 G13
VBUS = 5V
VOUT = 3.65V
CHARGER OFF
10x MODE
LOAD CURRENT (mA)
30
60
50
40
100
90
80
70
41601 G14
10
1000
100
1x MODE
5x, 10x MODE
BATTERY VOLTAGE (V)
2.7
50
55
65
70
75
3.3
3.9
4.2
95
41601 G15
60
3.0
3.6
80
85
90
RCLPROG = 3.01k
RPROG = 1k
1x MODE
5x MODE


Similar Part No. - LTC4160-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160-1 LINER-LTC4160-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
More results

Similar Description - LTC4160-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com