Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012CUFPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4012CUFPBF
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012CUFPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4012CUFPBF Datasheet HTML 1Page - Linear Technology LTC4012CUFPBF Datasheet HTML 2Page - Linear Technology LTC4012CUFPBF Datasheet HTML 3Page - Linear Technology LTC4012CUFPBF Datasheet HTML 4Page - Linear Technology LTC4012CUFPBF Datasheet HTML 5Page - Linear Technology LTC4012CUFPBF Datasheet HTML 6Page - Linear Technology LTC4012CUFPBF Datasheet HTML 7Page - Linear Technology LTC4012CUFPBF Datasheet HTML 8Page - Linear Technology LTC4012CUFPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
4012f
LTC4012/
LTC4012-1/LTC4012-2
FEATURES
APPLICATIONS
DESCRIPTION
High Efficiency,
Multi-Chemistry Battery Charger
with PowerPath Control
The LTC4012 is a constant-current/constant-voltage
battery charger controller. It uses a synchronous
quasi-constant frequency PWM control architecture
that will not generate audible noise with ceramic
bulk capacitors. Charge current is set by external
resistors and can be monitored as an output voltage.
With no built-in termination, the LTC4012 family charges
a wide range of batteries under external control.
The LTC4012 features fully adjustable output voltage, while
the LTC4012-1 and LTC4012-2 can be pin-programmed for
Lithium-Ion/Polymer battery packs of 1-, 2-, 3- or 4-series
cells. The LTC4012-1 provides output voltage of 4.1V/cell
and the LTC4012-2 is a 4.2V/cell version.
The device includes AC adapter input current limiting, which
maximizes charge rate for a fixed input power level. An
external sense resistor programs the input current limit,
and the ICL status pin indicates reduced charge current as
a result of AC adapter current limiting. Ideal diode control
at the adaptor input improves charger efficiency.
The CHRG status pin is active during all charging modes,
including special indication for low charge current.
n General Purpose Battery Charger Controller
n Efficient 550kHz Synchronous Buck PWM Topology
n ±0.5% Output Float Voltage Accuracy
n Programmable Charge Current: 4% Accuracy
n Programmable AC Adapter Current Limit:
3% Accuracy
n No Audible Noise with Ceramic Capacitors
n INFET Low Loss Ideal Diode PowerPath™ Control
n Wide Input Voltage Range: 6V to 28V
n Wide Output Voltage Range: 2V to 28V
n Indicator Outputs for AC Adapter Present, Charging,
C/10 Current Detection and Input Current Limiting
n Analog Charge Current Monitor
n Micropower Shutdown
n 20-Pin 4mm
× 4mm × 0.75mm QFN Package
n Notebook Computers
n Portable Instruments
n Battery Backup Systems
Efficiency at DCIN = 20V
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PowerPath
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5723970.
CLP
FROM
ADAPTER
13V TO 28V
0.1μF
5.1k
25mΩ
3.01k
0.1μF
6.8μH
20μF
33mΩ
INFET
0.1μF
2μF
0.1μF
6.04k
26.7k
LTC4012
DCIN
ACP
CHRG
ICL
SHDN
ITH
PROG
CLN
BOOST
TGATE
SW
INTVDD
BGATE
TO/FROM
MCU
GND
CSP
CSN
BAT
FBDIV
VFB
20μF
POWER TO
SYSTEM
4.7nF
32.8k
4012 TA01
12.3V
Li-Ion
BATTERY
3.01k
301k
+
CHARGE CURRENT (A)
0
70
75
80
85
90
100
100
1000
10000
0.5
1
1.5
2
4012 TA02
2.5
3
95
PART
LTC4009
LTC4012
INFET
X
DCDIV
X
PIN NAME
VOUT = 12.3V
RSENSE = 33mΩ
RIN = 3.01k
RPROG = 26.7k
EFFICIENCY
POWER LOSS
TYPICAL APPLICATION


Similar Part No. - LTC4012CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012CUF-3 LINER-LTC4012CUF-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012CUF-3-PBF LINER-LTC4012CUF-3-PBF Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012CUF-3-TRPBF LINER-LTC4012CUF-3-TRPBF Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com