Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4160 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4160
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 4 Page - Linear Technology

  LTC4160 Datasheet HTML 1Page - Linear Technology LTC4160 Datasheet HTML 2Page - Linear Technology LTC4160 Datasheet HTML 3Page - Linear Technology LTC4160 Datasheet HTML 4Page - Linear Technology LTC4160 Datasheet HTML 5Page - Linear Technology LTC4160 Datasheet HTML 6Page - Linear Technology LTC4160 Datasheet HTML 7Page - Linear Technology LTC4160 Datasheet HTML 8Page - Linear Technology LTC4160 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4160/LTC4160-1
4
41601f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPROG
PROG Pin Servo Voltage
1
V
VPROG_TRKL
PROG Pin Servo Voltage in Trickle Charge BAT < VTRKL
0.1
V
VC/10
C/10 Threshold Voltage at PROG
100
mV
hPROG
Ratio of IBAT to PROG Pin Current
1030
mA/mA
ITRKL
Trickle Charge Current
BAT < VTRKL
100
mA
VTRKL
Trickle Charge Threshold Voltage
BAT Rising
2.7
2.85
3
V
ΔVTRKL
Trickle Charge Hysteresis Voltage
135
mV
ΔVRECHRG
Recharge Battery Threshold Voltage
Threshold Voltage Relative to VFLOAT
–75
–100
–125
mV
tTERM
Safety Timer Termination Period
Timer Starts when VBAT = VFLOAT
3.9
4.3
5.4
Hour
tBADBAT
Bad Battery Termination Time
BAT < VTRKL
0.4
0.5
0.6
Hour
hC/10
End of Charge Current Ratio
(Note 7)
0.085
0.1
0.115
mA/mA
RON_CHG
Battery Charger Power FET
On-Resistance (Between VOUT and BAT)
0.18
Ω
TLIM
Junction Temperature in Constant
Temperature Mode
110
°C
NTC
VCOLD
Cold Temperature Fault Threshold
Voltage
Rising Threshold
Hysteresis
75
76.5
1.5
78
%NTCBIAS
%NTCBIAS
VHOT
Hot Temperature Fault Threshold Voltage Falling Threshold Hysteresis
33.4
34.9
1.8
36.4
%NTCBIAS
%NTCBIAS
VDIS
NTC Disable Threshold Voltage
Falling Threshold
Hysteresis
0.7
1.7
50
2.7
%NTCBIAS
mV
INTC
NTC Leakage Current
NTC = NTCBIAS = 5V
–50
50
nA
Ideal Diode
VFWD
Forward Voltage Detection
VBUS = 0V, IVOUT = 10mA
IVOUT = 10mA
2
15
mV
mV
RDROPOUT
Internal Diode On-Resistance, Dropout
IVOUT = 200mA
0.18
Ω
IMAX_DIODE
Diode Current Limit
2
A
Always On 3.3V LDO Supply
VLDO3V3
Regulated Output Voltage
0mA < ILDO3V3 < 20mA
3.1
3.3
3.5
V
RCL_LDO3V3
Closed-Loop Output Resistance
2.7
Ω
ROL_LDO3V3
Dropout Output Resistance
23
Ω
Logic (ILIM0, ILIM1, ID, ENOTG, ENCHARGER)
VIL
Logic Low Input Voltage
0.4
V
VIH
Logic High Input Voltage
1.2
V
IPD1
ILIM0, ILIM1, ENOTG, ENCHARGER
Pull-Down Current
1.8
μA
IPU1
ID Pull-Up Current
2.5
μA
Status Outputs (CHRG, VBUSGD, FAULT)
VVBUSGD
Output Low Voltage
IVBUSGD = 5mA, VBUS = 5V
65
100
mV
VCHRG, VFAULT
Output Low Voltage
ICHRG = IFAULT = 5mA, VOUT = 3.8V
100
150
mV
ICHRG, IVBUSGD,
IFAULT
Leakage Current
VCHRG = VVBUSGD = VFAULT = 5V
1
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, BAT = 3.8V, RCLPROG = 3.01k, unless
otherwise noted.


Similar Part No. - LTC4160

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160 LINER-LTC4160 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4160 LINER-LTC4160 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
logo
Analog Devices
LTC4160 AD-LTC4160 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4160-1 LINER-LTC4160-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
More results

Similar Description - LTC4160

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC3576-1 LINER-LTC3576-1_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576_15 Datasheet
593Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC3576 LINER-LTC3576 Datasheet
582Kb / 48P
   Switching Power Manager with USB On-the-Go Triple Step-Down DC/DCs
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC3576EUFE-1 LINER-LTC3576EUFE-1 Datasheet
1Mb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
LTC3576EUFE LINER-LTC3576EUFE Datasheet
443Kb / 7P
   Switching Power Manager USB On-the-Go OVP HV Buck VC Control 3 Bucks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com