Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4012-2
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4012-2 Datasheet HTML 6Page - Linear Technology LTC4012-2 Datasheet HTML 7Page - Linear Technology LTC4012-2 Datasheet HTML 8Page - Linear Technology LTC4012-2 Datasheet HTML 9Page - Linear Technology LTC4012-2 Datasheet HTML 10Page - Linear Technology LTC4012-2 Datasheet HTML 11Page - Linear Technology LTC4012-2 Datasheet HTML 12Page - Linear Technology LTC4012-2 Datasheet HTML 13Page - Linear Technology LTC4012-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
10
4012f
BLOCK DIAGRAM
+
19
EA
R1
TO INTERNAL
CIRCUITS
TO
INTERNAL
CIRCUITS
CC
+
CA
1.2085V
REFERENCE
5V
REGULATOR
PWM
LOGIC
FAULT
DETECTION
C/10
DETECTION
SHUTDOWN
CONTROL
OSCILLATOR
BAT
SHUTDOWN
CHARGE
INPUT
CURRENT
LIMIT
TGATE
20
BOOST
12
ITH
13
PROG
14
CSN
15
CSP
18
SW
21
GND
(PADDLE)
4012 BD01
16
BGATE
17
INTVDD
TO
INTERNAL
CIRCIUTS
11
VFB
9
CHRG
7
FBDIV
10
ACP
6
SHDN
ICL
8
CLP
CLN
2
1
INFET
3
DCIN
4
+
IF
5
(LTC4012)


Similar Part No. - LTC4012-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-2 LINER-LTC4012-2 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-2 AD-LTC4012-2 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-2 AD-LTC4012-2 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-2 AD-LTC4012-2 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
logo
Linear Technology
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
More results

Similar Description - LTC4012-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4009 LINER-LTC4009 Datasheet
305Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008_15 Datasheet
232Kb / 24P
   4A, High Effi ciency, Multi-Chemistry Battery Charger
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com