Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2626 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2626
Description  Brushless DC Motor Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2626 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2626 Datasheet HTML 2Page - Texas Instruments UCC2626 Datasheet HTML 3Page - Texas Instruments UCC2626 Datasheet HTML 4Page - Texas Instruments UCC2626 Datasheet HTML 5Page - Texas Instruments UCC2626 Datasheet HTML 6Page - Texas Instruments UCC2626 Datasheet HTML 7Page - Texas Instruments UCC2626 Datasheet HTML 8Page - Texas Instruments UCC2626 Datasheet HTML 9Page - Texas Instruments UCC2626 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
UCC2626
UCC3626
RC networks generally work well and should be located
as close to the IC as possible. Fig. 2 illustrates these
techniques.
Configuring the Oscillator
The UCC3626 oscillator is designed to operate at fre-
quencies up to 250kHz and provide a triangle waveform
on CT with a peak to peak amplitude of 5V for improved
noise immunity. The current used to program CT is de-
rived off of the R_TACH resistor according to the follow-
ing equation:
I
RTACH
Amps
OSC =
25
_
Oscillator frequency is set by R_TACH and CT according
to the following relationship:
Frequency
RTACH CT
Hz
=
25
.
(_
)
Timing resistor values should be between 25k
Ω and
500k
Ω while capacitor values should fall between 100pF
and 1
µF. Fig. 4 provides a graph of oscillator frequency
for various combinations of timing components. As with
any high frequency oscillator, timing components should
be located as close to the IC pins as possible when lay-
ing out the printed circuit board. It is also important to ref-
erence the timing capacitor directly to the ground pin on
the UCC3626 rather than daisy chaining it to another
trace or the ground plane. This technique prevents
switching current spikes in the local ground from causing
jitter in the oscillator.
Synchronizing the Oscillator
A common system specification is for all oscillators in a
design to be synchronized to a master clock. The
UCC3626 provides a SYNCH input for exactly this pur-
pose. The SYNCH input is designed to interface with a
digital clock pulse generated by the master oscillator. A
positive going edge on this input causes the UCC3626
oscillator to begin discharging. In order for the slave os-
cillator to function properly it must be programmed for a
frequency slightly lower than that of the master. Also, a
resistor equal to RTACH must be placed in parallel with
CT. Fig. 3 illustrates the waveforms for a slave oscillator
programmed to 20kHz with a master frequency of 30kHz.
The SYNCH pin should be grounded when not used.
APPLICATION INFORMATION (cont.)
1.E+03
1.E+04
1.E+05
1.E+06
1.E-10
1.E-09
1.E-08
1.E-07
CT (F)
R_TACH = 25k
R_TACH = 500k
R_TACH = 100k
R_TACH = 250k
Figure 4. PWM oscillator frequency vs. CT and
R_TACH.
SYNCH
CT
WITHOUT SYNCH
WITH SYNCH
Figure 3. Synchronized and unsynchronized
oscillator waveforms.
1k
1k
1k
VREF
VREF
VREF
HALLA
HALLB
HALLC
HALLA
HALLB
HALLC
2.2nF
2.2nF
2.2nF
499
499
499
Figure 2. Passive hall filtering technique.


Similar Part No. - UCC2626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC2626DWG4 TI1-UCC2626DWG4 Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
UCC2626N TI1-UCC2626N Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
UCC2626N TI1-UCC2626N Datasheet
688Kb / 23P
[Old version datasheet]   BRUSHLESS ESS DC MOTOR CONTROLLER
More results

Similar Description - UCC2626

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com