Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3601EMSE Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3601EMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601EMSE Datasheet(HTML) 4 Page - Linear Technology

  LTC3601EMSE Datasheet HTML 1Page - Linear Technology LTC3601EMSE Datasheet HTML 2Page - Linear Technology LTC3601EMSE Datasheet HTML 3Page - Linear Technology LTC3601EMSE Datasheet HTML 4Page - Linear Technology LTC3601EMSE Datasheet HTML 5Page - Linear Technology LTC3601EMSE Datasheet HTML 6Page - Linear Technology LTC3601EMSE Datasheet HTML 7Page - Linear Technology LTC3601EMSE Datasheet HTML 8Page - Linear Technology LTC3601EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3601
4
3601f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Burst Mode Operation
Efficiency vs Load Current
Forced Continuous Mode
Efficiency vs Frequency
Forced Continuous Mode
Reference Voltage vs
Temperature
ELECTRICAL CHARACTERISTICS
Note 3: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
TJ = TA + (PD • θJA)
where θJA = 45°C/W for the QFN package and θJA = 38°C/W for the MSOP
package.
Efficiency vs Input Voltage
Burst Mode Operation
Note 4: Maximum allowed current draw when used as a regulated output
is 5mA. This supply is only intended to provide additional DC load current
as needed and not intended to regulate large transient or ac behavior as
these waveforms may impact LTC3601 operation.
Efficiency vs Load Current
TA = 25°C, VIN = 12V, fO = 1MHz, L = 2.2μH unless otherwise noted.
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3601 G01
0
0.01
VIN = 4V
VIN = 8V
VIN = 12V
VOUT = 1.8V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3601 G02
0
0.01
VIN = 4V
VIN = 8V
VIN = 12V
VOUT = 1.8V
LOAD CURRENT (A)
30
90
100
20
10
80
50
70
60
40
0.001
0.1
1
10
3601 G03
0
0.01
VOUT = 3.3V
VOUT = 5V
BURST
FORCED
CONTINUOUS
INPUT VOLTAGE (V)
4
75
80
85
10
14
3601 G04
70
65
60
68
12
90
95
100
16
ILOAD = 500mA
ILOAD = 100mA
VOUT = 1.8V
FIGURE 7 CIRCUIT
ILOAD = 1.5A
ILOAD = 10mA
FREQUENCY (MHz)
0.5
80
82
84
86
88
90
92
1.0
1.5
2.0
2.5
3601 G05
3.0
L = 2.2μH
VOUT =1.8V
ILOAD = 500mA
L = 1μH
TEMPERATURE (°C)
–50
–25
0.595
0.599
0.605
0
50
75
3601 G06
0.597
0.603
0.601
25
100
125


Similar Part No. - LTC3601EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3601 LINER-LTC3601 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Analog Devices
LTC3601 AD-LTC3601 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3601EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com