Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9455501M3A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9455501M3A
Description  Phase Shift Resonant Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9455501M3A Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-9455501M3A Datasheet HTML 5Page - Texas Instruments 5962-9455501M3A Datasheet HTML 6Page - Texas Instruments 5962-9455501M3A Datasheet HTML 7Page - Texas Instruments 5962-9455501M3A Datasheet HTML 8Page - Texas Instruments 5962-9455501M3A Datasheet HTML 9Page - Texas Instruments 5962-9455501M3A Datasheet HTML 10Page - Texas Instruments 5962-9455501M3A Datasheet HTML 11Page - Texas Instruments 5962-9455501M3A Datasheet HTML 12Page - Texas Instruments 5962-9455501M3A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
UC1875/6/7/8
UC2875/6/7/8
UC3875/6/7/8
In each of the output stages, transistors Q3 through Q6
form a high-speed totem-pole driver which will source
or sink more than one amp peak with a total delay of
approximately 30 nanoseconds. To ensure a low output
level prior to turn-on, transistors Q7 through Q9 form a
self-biased driver to hold Q6 on prior to the supply
reaching its turn-on threshold. This circuit is operable
when the chip supply is zero. Q6 is also turned on and
held low with a signal from the fault logic portion of the
chip.
APPLICATION INFORMATION (cont.)
Delay Blocks And Output Stages
The delay providing the dead-time is accomplished with
C1 which must discharge to VTH before the output can
go high. The time is defined by the current sources, I1,
which is programmed by an external resistor, RTD. The
voltage on the Delay Set pins is internally regulated to
2.5V and the range of dead time control is
from 50 to 200 nanoseconds. NOTE: There is no way
to disable the delay circuitry, and the delay time must
be programmed.
The four outputs of the UC1875/6/7/8 interface to the full bridge converter switches as shown below:
Output Switch Orientation
UDG-95083
UDG-95082
3 Winding Bifilar, AWG 30 Kynar Insulation


Similar Part No. - 5962-9455501M3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9455501M3A TI1-5962-9455501M3A Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
More results

Similar Description - 5962-9455501M3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com