Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3601 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3601
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3601 Datasheet HTML 6Page - Linear Technology LTC3601 Datasheet HTML 7Page - Linear Technology LTC3601 Datasheet HTML 8Page - Linear Technology LTC3601 Datasheet HTML 9Page - Linear Technology LTC3601 Datasheet HTML 10Page - Linear Technology LTC3601 Datasheet HTML 11Page - Linear Technology LTC3601 Datasheet HTML 12Page - Linear Technology LTC3601 Datasheet HTML 13Page - Linear Technology LTC3601 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3601
10
3601f
APPLICATIONS INFORMATION
A general LTC3601 application circuit is shown on the first
page of this data sheet. External component selection is
largely driven by the load requirement and begins with the
selection of the inductor L. Once the inductor is chosen, the
input capacitor, CIN, the output capacitor, COUT, the internal
regulatorcapacitor,CINTVCC,andtheboostcapacitor,CBOOST,
can be selected. Next, the feedback resistors are selected to
set the desired output voltage. Finally, the remaining option-
al external components can be selected for functions such
as external loop compensation, track/soft-start, externally
programmed oscillator frequency and PGOOD.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
The operating frequency, fO, of the LTC3601 is determined
by an external resistor that is connected between the RT
pin and ground. The value of the resistor sets the ramp
current that is used to charge and discharge an internal
timing capacitor within the oscillator and can be calculated
by using the following equation:
R
E
f
RT
O
=
32 11
.
where RRT is in Ω and fO is in Hz.
Connecting the RT pin to INTVCC will default the converter
to fO = 2MHz; however, this switching frequency will be
more sensitive to process and temperature variations than
when using a resistor on RT (see Typical Performance
Characteristics).
Inductor Selection
For a given input and output voltage, the inductor value and
operating frequency determine the inductor ripple current.
More specifically, the inductor ripple current decreases
with higher inductor value or higher operating frequency
according to the following equation:
IL =
VOUT
f• L
1– VOUT
VIN
where ΔIL = inductor ripple current, f = operating frequency
and L = inductor value. A trade-off between component
size, efficiency and operating frequency can be seen from
this equation. Accepting larger values of ΔIL allows the
use of lower value inductors but results in greater core
loss in the inductor, greater ESR loss in the output capaci-
tor, and larger output ripple. Generally, highest efficiency
operation is obtained at low operating frequency with
small ripple current.
A reasonable starting point for setting the ripple current is
about 40% of IOUT(MAX). Note that the largest ripple current
occurs at the highest VIN. To guarantee the ripple current
does not exceed a specified maximum the inductance
should be chosen according to:
L =
VOUT
f• IL(MAX)
1– VOUT
VIN(MAX)
Once the value for L is known the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value but is very dependent on the
inductance selected. As the inductance increases, core loss
decreases. Unfortunately, increased inductance requires
more turns of wire leading to increased copper loss.
Ferrite designs exhibit very low core loss and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core materials saturate “hard,” meaning the induc-
tance collapses abruptly when the peak design current is
RT (kΩ)
0
0
1000
2000
3000
4000
6000
100
200
300
400
3601 F01
500
600
5000
Figure 1. Switching Frequency vs RT


Similar Part No. - LTC3601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3601 LINER-LTC3601 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Analog Devices
LTC3601 AD-LTC3601 Datasheet
1Mb / 20P
   Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results

Similar Description - LTC3601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
219Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
   Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633_15 Datasheet
406Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
LTC3633 LINER-LTC3633 Datasheet
389Kb / 28P
   Dual Channel 3A, 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com