Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-SF25I Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # STK15C88-SF25I
Description  256 Kbit (32K x 8) PowerStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-SF25I Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK15C88-SF25I Datasheet HTML 7Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 8Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 9Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 10Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 11Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 12Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 13Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 14Page - Cypress Semiconductor STK15C88-SF25I Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
STK15C88
Document Number: 001-50593 Rev. **
Page 11 of 15
Software Controlled STORE/RECALL Cycle
The software controlled STORE/RECALL cycle follows. [11, 12]
Parameter
Alt
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
tRC
tAVAV
STORE/RECALL Initiation Cycle Time
25
45
ns
tSA
[11]
tAVEL
Address Setup Time
0
0
ns
tCW
[11]
tELEH
Clock Pulse Width
20
30
ns
tHACE
[7, 11]
tELAX
Address Hold Time
20
20
ns
tRECALL
RECALL Duration
20
20
μs
Switching Waveforms
Figure 10. CE Controlled Software STORE/RECALL Cycle [12]
tRC
tRC
tSA
tSCE
tHACE
tSTORE / tRECALL
DATA VALID
DATA VALID
6
#
S
S
E
R
D
D
A
1
#
S
S
E
R
D
D
A
HIGH IMPEDANCE
ADDRESS
CE
OE
DQ (DATA)
Notes
11. The software sequence is clocked on the falling edge of CE without involving OE (double clocking will abort the sequence).
12. The six consecutive addresses must be read in the order listed in the Mode Selection table. WE must be HIGH during all six consecutive cycles.
[+] Feedback


Similar Part No. - STK15C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-SF25I SIMTEK-STK15C88-SF25I Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25I CYPRESS-STK15C88-SF25I Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
logo
Simtek Corporation
STK15C88-SF25ITR SIMTEK-STK15C88-SF25ITR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-SF25ITR CYPRESS-STK15C88-SF25ITR Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
More results

Similar Description - STK15C88-SF25I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com