Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK11C88-SF25TR Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STK11C88-SF25TR
Description  256 Kbit (32K x 8) SoftStore nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK11C88-SF25TR Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK11C88-SF25TR Datasheet HTML 5Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 6Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 7Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 8Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 9Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 10Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 11Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 12Page - Cypress Semiconductor STK11C88-SF25TR Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STK11C88
Document Number: 001-50591 Rev. **
Page 9 of 15
SRAM Write Cycle
Parameter
Description
25 ns
45 ns
Unit
Min
Max
Min
Max
Cypress
Parameter
Alt
tWC
tAVAV
Write Cycle Time
25
45
ns
tPWE
tWLWH, tWLEH
Write Pulse Width
20
30
ns
tSCE
tELWH, tELEH
Chip Enable To End of Write
20
30
ns
tSD
tDVWH, tDVEH
Data Setup to End of Write
10
15
ns
tHD
tWHDX, tEHDX
Data Hold After End of Write
0
0
ns
tAW
tAVWH, tAVEH
Address Setup to End of Write
20
30
ns
tSA
tAVWL, tAVEL
Address Setup to Start of Write
0
0
ns
tHA
tWHAX, tEHAX
Address Hold After End of Write
0
0
ns
tHZWE
[7,8]
tWLQZ
Write Enable to Output Disable
10
15
ns
tLZWE
[7]
tWHQX
Output Active After End of Write
5
5
ns
Switching Waveforms
Figure 7. SRAM Write Cycle 1: WE Controlled [9]
Figure 8. SRAM Write Cycle 2: CE Controlled [9]
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
tWC
ADDRESS
tSA
tSCE
tHA
tAW
tPWE
tSD
tHD
CE
WE
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
Notes
8. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
9. CE or WE must be greater than VIH during address transitions.
[+] Feedback


Similar Part No. - STK11C88-SF25TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK11C88-SF25TR SIMTEK-STK11C88-SF25TR Datasheet
386Kb / 14P
   32Kx8 SoftStore nvSRAM
STK11C88-SF25TR SIMTEK-STK11C88-SF25TR Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
More results

Similar Description - STK11C88-SF25TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
logo
Simtek Corporation
U631H256 SIMTEK-U631H256 Datasheet
246Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com