Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUPA-1300-M Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # LUPA-1300-M
Description  1.3MPxl High Speed CMOS Image Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

LUPA-1300-M Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button LUPA-1300-M Datasheet HTML 7Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 8Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 9Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 10Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 11Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 12Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 13Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 14Page - Cypress Semiconductor LUPA-1300-M Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LUPA-1300
Document Number: 38-05711 Rev. *C
Page 11 of 32
Figure 7. Output voltage of the temperature module versus temperature
Synchronous shutter
In a synchronous (snapshot) shutter light integration takes
place on all pixels in parallel, although subsequent readout is
sequential
Figure 8. Synchronous shutter operation.
Figure 8 shows the integration and read out sequence for the
synchronous shutter. All pixels are light sensitive at the same
period of time. The whole pixel core is reset simultaneously
and after the integration time all pixel values are sampled
together on the storage node inside each pixel. The pixel core
is read out line by line after integration.
Vsupply (V)
5
5.5
6
6.1
6.2
6.3
6.4
6.5
Vout @ 21 oC
0.58
0.8
1.03
1.07
1.12
1.17
1.22
1.27
0.99
1.01
1.03
1.05
1.07
1.09
1.11
1.13
25
35
45
55
65
75
Temperature (°C)
6
6.1
6.2
Time axis
Line number
Integration time
Burst Readout time
Note
8. Note that the integration and read out cycle can occur in parallel.
[+] Feedback


Similar Part No. - LUPA-1300-M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
LUPA-1300-M CYPRESS-LUPA-1300-M Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
More results

Similar Description - LUPA-1300-M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
   13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
logo
Hamamatsu Corporation
S9227 HAMAMATSU-S9227 Datasheet
104Kb / 4P
   CMOS linear image sensor High-speed readout, simultaneous integration
logo
Cypress Semiconductor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com