Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBIS4-1300-M-2 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # IBIS4-1300-M-2
Description  1.3 MPxl Rolling Shutter CMOS Image Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

IBIS4-1300-M-2 Datasheet(HTML) 1 Page - Cypress Semiconductor

  IBIS4-1300-M-2 Datasheet HTML 1Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 2Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 3Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 4Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 5Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 6Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 7Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 8Page - Cypress Semiconductor IBIS4-1300-M-2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.3 MPxl Rolling Shutter CMOS Image
Sensor
IBIS4-1300
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05707 Rev. *B
Revised January 2, 2007
Overview
The IBIS4-1300 is a digital CMOS active pixel image sensor
with SXGA format.
Due to a patented pixel configuration a 60% fill factor and 50%
quantum efficiency are obtained. This is combined with an
on-chip double sampling technique to cancel fixed pattern
noise.
Features
• SXGA resolution: 1280 x 1024 pixels
• High sensitivity 20
µV/e-
• High fill factor 60%
• Quantum efficiency > 50% between 500 and 700 nm.
• 20 noise electrons = 50 noise photons
• Dynamic range: 69 dB (2750:1) in single slope operation
• Extended dynamic range mode (80…100 dB) in double
slope integration
• On-chip 10 bit, 10 mega Samples/s ADC
• Programmable gain & offset output amplifier
• 4:1 sub sampling viewfinder mode (320x256 pixels)
• Electronic shutter
•7 x 7
µm2 pixels
• Low fixed pattern noise (1% Vsat p/p)
• Low dark current: 344 pA/cm2
• (1055 electrons/s, 1 minute auto saturation)
• RGB or monochrome
• Digital (ADC) gamma correction
Part Number
Part Number
Package Glasslid RGB/B&W
CYII4SC1300AA-QSC
LCC
S8612
RGBBayer
pattern
CYII4SM1300AA-QDC
LCC
D263
B&W


Similar Part No. - IBIS4-1300-M-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-1300-M-2 CYPRESS-IBIS4-1300-M-2 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
More results

Similar Description - IBIS4-1300-M-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
IBIS4-1300 CYPRESS-IBIS4-1300 Datasheet
1Mb / 37P
   1.3 MPxl Rolling Shutter CMOS Image Sensor
CYII4SM1300AA CYPRESS-CYII4SM1300AA Datasheet
1Mb / 35P
   IBIS4-1300 1.3 MPxl Rolling Shutter CMOS Image Sensor
CYIL1SM1300AA CYPRESS-CYIL1SM1300AA_09 Datasheet
1Mb / 29P
   LUPA-1300 1.3 MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIM1SM9600A ONSEMI-NOIM1SM9600A Datasheet
569Kb / 66P
   MANO 9600 9.6 MegaPixel Rolling Shutter CMOS Image Sensor
February, 2014 ??Rev. P0
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
ams AG
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
   1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
CYII5FM1300AB CYPRESS-CYII5FM1300AB_09 Datasheet
1Mb / 41P
   1.3 MP CMOS Image Sensor
CYII5FM1300AB CYPRESS-CYII5FM1300AB Datasheet
1Mb / 40P
   1.3 MP CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com