Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3548AIDDTRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3548AIDDTRPBF
Description  Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548AIDDTRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3548AIDDTRPBF Datasheet HTML 5Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 6Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 7Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 8Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 9Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 10Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 11Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 12Page - Linear Technology LTC3548AIDDTRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3548A
9
3548af
Inductor Selection
Although the inductor does not influence the operat-
ing frequency, the inductor value has a direct effect on
ripple current. The inductor ripple current
ΔIL decreases
with higher inductance and increases with higher VIN or
VOUT:
ΔIL =
VOUT
fO •L
•1–
VOUT
VIN
⎝⎜
⎠⎟
Accepting larger values of
ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability. A
reasonable starting point for setting ripple current is
ΔIL =
0.3 • ILIM, where ILIM is the peak switch current limit. The
largest ripple current
ΔIL occurs at the maximum input
voltage. To guarantee that the ripple current stays below a
specified maximum, the inductor value should be chosen
according to the following equation:
L ≥
VOUT
fO • ΔIL
•1–
VOUT
VIN(MAX)
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation
begins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this transition to occur
at lower load currents. This causes a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar elec-
trical characteristics. The choice of which style inductor
to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3548A requires to operate. Table 1 shows
some typical surface mount inductors that work well in
LTC3548A applications.
APPLICATIONS INFORMATION
Figure 1. LTC3548A General Schematic
VOUT2
RUN/SS2
VIN
VIN = 2.5V TO 5.5V
VOUT1
RUN/SS1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3548A
CIN
R7
POWER-ON
RESET
C1
C2
L1
L2
R4
R2
R1
R3
COUT2
C4
C3
COUT1
3548A F01
PULSE SKIP*
BURST*
*MODE/SYNC = 0V: PULSE SKIP
MODE/SYNC = VIN: Burst Mode OPERATION
R6
R5
OPERATION


Similar Part No. - LTC3548AIDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548AIDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com