Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2267IUJ-14TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2267IUJ-14TRPBF
Description  14-Bit, 125Msps/105Msps/80Msps Low Power Dual ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2267IUJ-14TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2267IUJ-14TRPBF Datasheet HTML 1Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 2Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 3Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 4Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 5Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 6Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 7Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 8Page - Linear Technology LTC2267IUJ-14TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2268-14/
LTC2267-14/LTC2266-14
4
22687614p
DIGITAL ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL PARAMETER
CONDITIONS
LTC2268-14
LTC2267-14
LTC2266-14
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SNR
Signal-to-Noise Ratio
5MHz Input
70MHz Input
140MHz Input
l 71.3
73.4
73.2
72.7
71.3
73.4
73.2
72.7
70.9
73.1
72.9
72.4
dBFS
dBFS
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
5MHz Input
70MHz Input
140MHz Input
l
76
88
85
82
76
88
85
82
79
88
85
82
dBFS
dBFS
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
5MHz Input
70MHz Input
140MHz Input
l
85
90
90
90
83
90
90
90
85
90
90
90
dBFS
dBFS
dBFS
S/(N+D)
Signal-to-Noise Plus Distortion
Ratio
5MHz Input
70MHz Input
140MHz Input
l 70.2
73
72.6
72
70.2
73
72.6
72
70.4
72.9
72.6
72
dBFS
dBFS
dBFS
Crosstalk
10MHz Input
–105
–105
–105
dBc
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
0.5 • VDD – 25mV
0.5 • VDD
0.VDD + 25mV
V
VCM Output Temperature Drift
±25
ppm/°C
VCM Output Resistance
–600μA < IOUT < 1mA
4
Ω
VREF Output Voltage
IOUT = 0
1.225
1.25
1.275
V
VREF Output Temperature Drift
±25
ppm/°C
VREF Output Resistance
–400μA < IOUT < 1mA
7
Ω
VREF Line Regulation
1.7V < VDD < 1.9V
0.6
mV/V
INTERNAL REFERENCE CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 5)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ENCODE INPUTS (ENC+, ENC)
DIFFERENTIAL ENCODE MODE (ENCNOT TIED TO GND)
VID
Differential Input Voltage
(Note 8)
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set (Note 8)
l
1.1
1.2
1.6
V
V
VIN
Input Voltage Range
ENC+, ENCto GND
l
0.2
3.6
V
RIN
Input Resistance
(See Figure 10)
10
CIN
Input Capacitance
3.5
pF
SINGLE-ENDED ENCODE MODE (ENCTIED TO GND)
VIH
High Level Input Voltage
VDD =1.8V
l
1.2
V
VIL
Low Level Input Voltage
VDD =1.8V
l
0.6
V
VIN
Input Voltage Range
ENC+ to GND
l
0
3.6
V
RIN
Input Resistance
(See Figure 11)
30
CIN
Input Capacitance
3.5
pF
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 5)


Similar Part No. - LTC2267IUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267IUJ-12PBF LINER-LTC2267IUJ-12PBF Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2267IUJ-12TRPBF LINER-LTC2267IUJ-12TRPBF Datasheet
1Mb / 32P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
More results

Similar Description - LTC2267IUJ-14TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2267-14 LINER-LTC2267-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2145-14 LINER-LTC2145-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2143-14 LINER-LTC2143-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2144-14 LINER-LTC2144-14_15 Datasheet
657Kb / 38P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2266-14 LINER-LTC2266-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2268-14 LINER-LTC2268-14_15 Datasheet
688Kb / 32P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC2175-14 LINER-LTC2175-14 Datasheet
578Kb / 32P
   14-Bit, 125Msps/105Msps/80Msps Low Power Quad ADCs
LTM9010-14 LINER-LTM9010-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9011-14 LINER-LTM9011-14_15 Datasheet
1Mb / 40P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC2173-14 LINER-LTC2173-14_15 Datasheet
858Kb / 34P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Quad ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com