Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0403TB-BGXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYV15G0403TB-BGXC
Description  Independent Clock Quad HOTLink II Serializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0403TB-BGXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYV15G0403TB-BGXC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 9Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 10Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 11Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 12Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 13Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 14Page - Cypress Semiconductor CYV15G0403TB-BGXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CYV15G0403TB
Document #: 38-02104 Rev. *C
Page 11 of 21
0, 1, 3, 4, 6, 7, 9, and 10) are the static control latches. The
third row of latches for each channel (address numbers 2, 5,
8, and 11) are the dynamic control latches that are associated
with enabling dynamic functions within the device.
Latch Bank 14 is also useful for those users that do not need
the latch-based programmable feature of the device. This
latch bank could be used in those applications that do not need
to modify the default value of the static latch banks, and that
can afford a global (i.e., not independent) control of the
dynamic signals. In this case, this feature becomes available
when ADDR[3:0] is left unchanged with a value of “1110” and
WREN is left asserted. The signals present in DATA[4:0] effec-
tively become global control pins, and for the latch banks 2, 5,
8 and 11.
Static Latch Values
There are some latches in the table that have a static value
(i.e. 1, 0, or X). The latches that have a ‘1’ or ‘0’ must be
configured with their corresponding value each time that their
associated latch bank is configured. The latches that have an
‘X’ are don’t cares and can be configured with any value.
Table 2. Device Configuration and Control Latch Descriptions
Name
Signal Description
TXCKSELA
TXCKSELB
TXCKSELC
TXCKSELD
Transmit Clock Select. The initialization value of the TXCKSELx latch = 1. TXCKSELx selects the clock
source used to write data into the Transmit Input Register. When TXCKSELx = 1, the associated input
register TXDx[9:0] is clocked by REFCLKx
↑. In this mode, the phase alignment buffer in the transmit path
is bypassed. When TXCKSELx = 0, the associated TXCLKx
↑ is used to clock in the input register
TXDx[9:0].
TXRATEA
TXRATEB
TXRATEC
TXRATED
Transmit PLL Clock Rate Select. The initialization value of the TXRATEx latch = 0. TXRATEx is used
to select the clock multiplier for the Transmit PLL. When TXRATEx = 0, each transmit PLL multiples the
associated REFCLKx± input by 10 to generate the serial bit-rate clock. When TXRATEx = 0, the
TXCLKOx output clocks are full-rate clocks and follow the frequency and duty cycle of the associated
REFCLKx± input. When TXRATEx = 1, each Transmit PLL multiplies the associated REFCLKx± input by
20 to generate the serial bit-rate clock. When TXRATEx = 1, the TXCLKOx output clocks are twice the
frequency rate of the REFCLKx± input. When TXCLKSELx = 1 and TXRATEx = 1, the Transmit Data
Inputs are captured using both the rising and falling edges of REFCLKx. TXRATEx = 1 and SPDSELx =
LOW, is an invalid state and this combination is reserved.
TXBISTA
TXBISTB
TXBISTC
TXBISTD
Transmit Bist Disabled. The initialization value of the TXBISTx latch = 1. TXBISTx selects if the transmit
BIST is disabled or enabled. When TXBISTx = 1, the transmit BIST function is disabled. When
TXBISTx = 0, the transmit BIST function is enabled.
OE2A
OE2B
OE2C
OE2D
Secondary Differential Serial Data Output Driver Enable. The initialization value of the OE2x latch =
0. OE2x selects if the OUT2x± secondary differential output drivers are enabled or disabled. When OE2x
= 1, the associated serial data output driver is enabled allowing data to be transmitted from the transmit
shifter. When OE2x = 0, the associated serial data output driver is disabled. When a driver is disabled via
the configuration interface, it is internally powered down to reduce device power. If both serial drivers for
a channel are in this disabled state, the associated internal logic for that channel is also powered down.
A device reset (RESET sampled LOW) disables all output drivers.
OE1A
OE1B
OE1C
OE1D
Primary Differential Serial Data Output Driver Enable. The initialization value of the OE1x latch = 0.
OE1x selects if the OUT1x± primary differential output drivers are enabled or disabled. When OE1x = 1,
the associated serial data output driver is enabled allowing data to be transmitted from the transmit shifter.
When OE1x = 0, the associated serial data output driver is disabled. When a driver is disabled via the
configuration interface, it is internally powered down to reduce device power. If both serial drivers for a
channel are in this disabled state, the associated internal logic for that channel is also powered down.
A device reset (RESET sampled LOW) disables all output drivers.
PABRSTA
PABRSTB
PABRSTC
PABRSTD
Transmit Clock Phase Alignment Buffer Reset. The initialization value of the PABRSTx latch = 1. The
PABRSTx is used to re-center the Transmit Phase Align Buffer. When the configuration latch PABRSTx
is written as a 0, the phase of the TXCLKx input clock relative to its associated REFCLKx+/- is initialized.
PABRST is an asynchronous input, but is sampled by each TXCLKx
↑ to synchronize it to the internal
clock domain. PABRSTx is a self clearing latch. This eliminates the requirement of writing a 1 to complete
the initialization of the Phase Alignment Buffer.
GLEN[11..0]
Global Enable. The initialization value of the GLENx latch = 1. The GLENx is used to reconfigure several
channels simultaneously in applications where several channels may have the same configuration. When
GLENx = 1 for a given address, that address is allowed to participate in a global configuration. When
GLENx = 0 for a given address, that address is disabled from participating in a global configuration.
FGLEN[2..0]
Force Global Enable. The initialization value of the FGLENx latch is NA. The FGLENx latch forces a
GLobal ENable no matter what the setting is on the GLENx latch. If FGLENx = 1 for the associated Global
channel, FGLEN forces the global update of the target latch banks.
[+] Feedback


Similar Part No. - CYV15G0403TB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403TB-BGXC CYPRESS-CYV15G0403TB-BGXC Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
More results

Similar Description - CYV15G0403TB-BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB Datasheet
526Kb / 19P
   Independent Clock Dual HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB_09 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II Transceiver
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com