Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYV15G0204RB-BGC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYV15G0204RB-BGC
Description  Independent Clock Dual HOTLink II Reclocking Deserializer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYV15G0204RB-BGC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYV15G0204RB-BGC Datasheet HTML 1Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 2Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 3Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 4Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 5Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 6Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 7Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 8Page - Cypress Semiconductor CYV15G0204RB-BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Independent Clock Dual HOTLink II™
Reclocking Deserializer
CYV15G0204RB
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-02103 Rev. *C
Revised May 2, 2007
Features
• Second-generation HOTLink® technology
• Compliant to SMPTE 292M and SMPTE 259M video
standards
• Dual-channel video reclocking deserializer
— 195- to 1500-Mbps serial data signaling rate
— Simultaneous operation at different signaling rates
• Supports reception of either 1.485 or 1.485/1.001 Gbps data
rate with the same training clock
• Supports half-rate and full-rate clocking
• Internal phase-locked loops (PLLs) with no external PLL
components
• Selectable differential PECL-compatible serial inputs
— Internal DC-restoration
• Synchronous LVTTL parallel interface
• JTAG boundary scan
• Built-In Self-Test (BIST) for at-speed link testing
• Link Quality Indicator
— Analog signal detect
— Digital signal detect
• Low-power 2W @ 3.3V typical
• Single 3.3V supply
• Thermally enhanced BGA
• Pb-Free package option available
•0.25
μ BiCMOS technology
Functional Description
The CYV15G0204RB Independent Clock Dual HOTLink II™
Deserializing Reclocker is a point-to-point or point-to-multi-
point communications building block enabling transfer of data
over a variety of high-speed serial links including SMPTE 292
and SMPTE 259 video applications. It supports signaling rates
in the range of 195 to 1500 Mbps per serial link. The two
channels are independent and can simultaneously operate at
different rates. Each receive channel accepts serial data and
converts it to 10-bit parallel characters and presents these
characters to an Output Register. The received serial data can
also be reclocked and retransmitted through the reclocker
serial outputs. Figure 1 illustrates typical connections between
independent
video
co-processors
and
corresponding
CYV15G0204RB
Reclocking
Deserializer
and
CYV15G0203TB Serializer chips.
The
CYV15G0204RB
satisfies
the
SMPTE-259M
and
SMPTE-292M compliance as per SMPTE EG34-1999 Patho-
logical Test Requirements.
As
a
second-generation
HOTLink
device,
the
CYV15G0204RB extends the HOTLink family with
enhanced levels of integration and faster data rates,
while maintaining serial-link compatibility (data and BIST)
with other HOTLink devices.
Each channel of the CYV15G0204RB Dual HOTLink II device
accepts a serial bit-stream from one of two selectable
PECL-compatible differential line receivers, and using a
completely integrated Clock and Data Recovery PLL, recovers
the timing information necessary for data reconstruction. The
recovered bit-stream is reclocked and retransmitted through
the reclocker serial outputs. Also, the recovered serial data is
deserialized and presented to the destination host system.
Each channel contains an independent BIST pattern checker.
This BIST hardware allows at-speed testing of the high-speed
serial data paths in each receive section of this device, each
transmit section of a connected HOTLink II device, and across
the interconnecting links.
The CYV15G0204RB is ideal for SMPTE applications where
different data rates and serial interface standards are
necessary for each channel. Some applications include
multi-format routers, switchers, format converters, SDI
monitors, and camera control units.
Figure 1. HOTLink II™ System Connections
10
10
10
10
Serial Links
Independent
CYV15G0203TB
Independent
Reclocking Deserializer
Serializer
Channel
CYV15G0204RB
Channel
Reclocked
Output
Reclocked
Output
[+] Feedback


Similar Part No. - CYV15G0204RB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0204RB-BGC CYPRESS-CYV15G0204RB-BGC Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
More results

Similar Description - CYV15G0204RB-BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYV15G0204RB CYPRESS-CYV15G0204RB Datasheet
731Kb / 24P
   Independent Clock Dual HOTLink II??Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
CYV15G0404RB CYPRESS-CYV15G0404RB Datasheet
580Kb / 26P
   Independent Clock Quad HOTLink Reclocking Deserializer
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0204TRB CYPRESS-CYV15G0204TRB Datasheet
815Kb / 31P
   Independent Clock HOTLink II Dual Serializer and Dual Reclocking Deserializer
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB Datasheet
526Kb / 19P
   Independent Clock Dual HOTLink II Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com