Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYP15G0403DXB-BGXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYP15G0403DXB-BGXI
Description  Independent Clock Quad HOTLink II Transceiver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYP15G0403DXB-BGXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYP15G0403DXB-BGXI Datasheet HTML 1Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 2Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 3Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 4Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 5Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 6Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 7Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 8Page - Cypress Semiconductor CYP15G0403DXB-BGXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
CYP15G0403DXB
CYV15G0403DXB
CYW15G0403DXB
Document #: 38-02065 Rev. *F
Page 4 of 45
TXLBA
TXLBC
Transmit Path Block Diagram
TXRATEA
SPDSELA
REFCLKA+
REFCLKA–
Transmit PLL
Clock Multiplier
TXCLKA
Bit-Rate Clock
Character-Rate Clock A
OUTA1+
OUTA1–
OUTA2+
OUTA2–
8
TXRATEB
SPDSELB
REFCLKB+
REFCLKB–
Bit-Rate Clock
Character-Rate Clock B
OUTB1+
OUTB1–
OUTB2+
OUTB2–
Transmit PLL
Clock Multiplier A
TXCLKB
TXRATEC
SPDSELC
REFCLKC+
REFCLKC–
TXCLKC
Bit-Rate Clock
Character-Rate Clock C
TXRATED
SPDSELD
REFCLKD+
REFCLKD–
Transmit PLL
Clock Multiplier D
TXCLKD
Bit-Rate Clock
Character-Rate Clock D
OUTD1+
OUTD1–
OUTD2+
OUTD2–
OUTC1+
OUTC1–
OUTC2+
OUTC2–
TXCTA[1:0]
TXDD[7:0]
OEA[2..1]
TXBIST
ENCBYPA
TXCKSELA
= Internal Signal
TXERRA
TXERRB
TXERRD
TXERRC
TXCLKOA
TXCLKOB
TXCLKOC
TXCLKOD
TXDA[7:0]
2
TXDB[7:0]
8
2
TXCTB[1:0]
8
2
TXDC[7:0]
TXCTC[1:0]
8
2
TXCTD[1:0]
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
A
ENCBYPB
ENCBYPC
ENCBYPD
TXBISTB
TXBISTC
TXBISTD
OEB[2..1]
OEC[2..1]
OED[2..1]
PABRSTA
PABRSTB
PABRSTC
PABRSTD
OEA[2..1]
OEB[2..1]
OEC[2..1]
OED[2..1]
TXLBD
TXLBB
Transmit PLL
Clock Multiplier B
Transmit PLL
Clock Multiplier C
1
0
TXCKSELB
0
TXCKSELC
1
0
TXCKSELD
1
0
TXLB[A..D] are Internal Serial Loopback Signals
1
[+] Feedback


Similar Part No. - CYP15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB-BGXI CYPRESS-CYP15G0403DXB-BGXI Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
More results

Similar Description - CYP15G0403DXB-BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYP15G0403DXB CYPRESS-CYP15G0403DXB_07 Datasheet
1Mb / 45P
   Independent Clock Quad HOTLink II??Transceiver
CYP15G0403DXB CYPRESS-CYP15G0403DXB Datasheet
2Mb / 43P
   Independent Clock Quad HOTLink II-TM Transceiver
CYV15G0404DXB CYPRESS-CYV15G0404DXB Datasheet
809Kb / 43P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0404DXB CYPRESS-CYV15G0404DXB_07 Datasheet
1Mb / 44P
   Independent Clock Quad HOTLink II??Transceiver with Reclocker
CYV15G0403TB CYPRESS-CYV15G0403TB Datasheet
686Kb / 21P
   Independent Clock Quad HOTLink II??Serializer
CYV15G0403TB CYPRESS-CYV15G0403TB_09 Datasheet
684Kb / 21P
   Independent Clock Quad HOTLink II Serializer
CYP15G0403DXB CYPRESS-CYP15G0403DXB_11 Datasheet
605Kb / 48P
   Independent Clock Quad HOTLink II Transceiver Single 3.3V supply
CYV15G0404RB CYPRESS-CYV15G0404RB_07 Datasheet
452Kb / 27P
   Independent Clock Quad HOTLink II??Deserializing Reclocker
CYV15G0203TB CYPRESS-CYV15G0203TB_07 Datasheet
676Kb / 20P
   Independent Clock Dual HOTLink II??Serializer
CYV15G0203TB CYPRESS-CYV15G0203TB_09 Datasheet
649Kb / 20P
   Independent Clock Dual HOTLink II Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com