Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6703-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6703-2
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703-2 Datasheet(HTML) 1 Page - Linear Technology

  LT6703-2_1 Datasheet HTML 1Page - Linear Technology LT6703-2_1 Datasheet HTML 2Page - Linear Technology LT6703-2_1 Datasheet HTML 3Page - Linear Technology LT6703-2_1 Datasheet HTML 4Page - Linear Technology LT6703-2_1 Datasheet HTML 5Page - Linear Technology LT6703-2_1 Datasheet HTML 6Page - Linear Technology LT6703-2_1 Datasheet HTML 7Page - Linear Technology LT6703-2_1 Datasheet HTML 8Page - Linear Technology LT6703-2_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LT6703-2/LT6703-3
LT6703HV-2/LT6703HV-3
1
670323fd
Micropower Supply Voltage Monitor
APPLICATIONS
n Battery-Powered System Monitoring
n Threshold Detectors
n Window Comparators
n Relay Driving
n Industrial Control Systems
n Handheld Instruments
n Automotive Monitor and Controls
FEATURES
DESCRIPTION
Micropower, Low Voltage
Comparator with
400mV Reference
The LT®6703-2/LT6703-3/LT6703HV-2/LT6703HV-3 com-
bine a micropower, low voltage comparator with a 400mV
reference in a tiny DFN package. Operating with supplies
from 1.4V up to 18V, these devices draw only 6.5μA, making
them ideal for low voltage system monitoring. Hysteresis
is included in the comparator, ensuring stable operation.
The comparator has one input available externally while
the other input is connected internally to the reference.
The comparator output is open collector and the output
load can be referred to any voltage up to 18V (36V for
LT6703HV) independent of supply voltage. The output
stage has a guaranteed current sink capability of more
than 5mA over temperature.
The two versions of this part differ by the polarity of the
available comparator input. The LT6703-2/LT6703HV-2
has an inverting input and the LT6703-3/LT6703HV-3 has
a noninverting input. Both versions are offered in com-
mercial, industrial and automotive temperature ranges.
n Internal 400mV Reference
n Total Threshold Error: ±1.25% Max at 25°C
n Wide Supply Range: 1.4V to 18V
n Input and Output Operate to 36V
n Specified for –40°C to 125°C Temperature Range
n Low Quiescent Current: 6.5μA Typ at 5V
n Internal Hysteresis: 6.5mV Typ
n Low Input Bias Current: ±10nA Max
n Over-The-Top® Input also Includes Ground
n Open-Collector Output Allows Level Translation
n Choice of Input Polarities: LT6703-2/LT6703-3/
LT6703HV-2/LT6703HV-3
n Available in 2mm
× 2mm DFN and
Low Profile (1mm) SOT-23 (ThinSOT™) Packages
Rising Input Threshold Voltage vs Temperature
670323 TA01
+
400mV
REFERENCE
OUT
1MΩ
154k
0.1μF
1MΩ
VS
+IN
GND
VS
1.4V ≤ VIN ≤ 18V
(VTH = 3V)
LT6703-3
TEMPERATURE (°C)
–60 –40
400
401
402
100 120
670323 TA01b
399
398
–20
0
20406080
397
404
403
396
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TYPICAL APPLICATION
L, LT, LTC, LTM, Linear Technology, the Linear logo and Over-The-Top are registered
trademarks of Linear Technology Corporation. ThinSOT is a trademark of Linear Technology
Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT6703-2_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703-2_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com