Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1888CT Datasheet(PDF) 5 Page - Texas Instruments

Part # C1888CT
Description  Off-line Power Supply Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

C1888CT Datasheet(HTML) 5 Page - Texas Instruments

  C1888CT Datasheet HTML 1Page - Texas Instruments C1888CT Datasheet HTML 2Page - Texas Instruments C1888CT Datasheet HTML 3Page - Texas Instruments C1888CT Datasheet HTML 4Page - Texas Instruments C1888CT Datasheet HTML 5Page - Texas Instruments C1888CT Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UNITRODE CORPORATION
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
UCC1888
UCC2888
UCC3888
TYPICAL CHARACTERISTICS CURVES
5


Similar Part No. - C1888CT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
C1881 HITACHI-C1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
logo
PANDUIT CORP.
C188X030FJJ PANDUIT-C188X030FJJ Datasheet
43Kb / 1P
   OPTIMUM LASER INK-JET LABELS 1.880" X 0.300"||" "628839
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL, 1.
More results

Similar Description - C1888CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
logo
Shenzhen Xinmao Microel...
LP3773 LANDP-LP3773 Datasheet
665Kb / 9P
   Low-Power off-line / PSR controller
logo
Linkage Goston Electron...
DK124 LINKAGE-DK124 Datasheet
4Mb / 7P
   24 W off-line switch power supply
LNK315D LINKAGE-LNK315D Datasheet
4Mb / 7P
   24 W off-line switch power supply
logo
Dialog Semiconductor
IW1690 DIALOG-IW1690 Datasheet
879Kb / 13P
   Low-Power Off-line Digital PWM Controller
IW1692 DIALOG-IW1692 Datasheet
1Mb / 18P
   Low-Power Off-line Digital PWM Controller
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
logo
Renesas Technology Corp
IW1690 RENESAS-IW1690 Datasheet
847Kb / 13P
   Low-Power Off-line Digital PWM Controller
JANUARY 22, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com