Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV18LL-55BVXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62167EV18LL-55BVXI
Description  16 Mbit (1M x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV18LL-55BVXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62167EV18LL-55BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV18LL-55BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *G
Page 3 of 13
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................ –65°C to + 150°C
Ambient Temperature with
Power Applied ........................................... –55°C to + 125°C
Supply Voltage to Ground
Potential .......................... –0.2V to 2.45V (VCC(max) + 0.2V)
DC Voltage Applied to Outputs
in High Z State[6, 7]........... –0.2V to 2.45V (VCC(max) + 0.2V)
DC Input Voltage[6, 7]....... –0.2V to 2.45V (VCC(max) + 0.2V)
Output Current into Outputs (LOW) ............................ 20 mA
Static Discharge Voltage........................................... >2001V
(MIL-STD-883, Method 3015)
Latch up Current...................................................... >200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[8]
CY62167EV18LL Industrial –40°C to +85°C 1.65V to 2.25V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
55 ns
Unit
Min
Typ[4]
Max
VOH
Output HIGH Voltage
IOH = –0.1 mA
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
0.2
V
VIH
Input HIGH Voltage
VCC = 1.65V to 2.25V
1.4
VCC + 0.2V
V
VIL
Input LOW Voltage
VCC = 1.65V to 2.25V
–0.2
0.4
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
μA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1
+1
μA
ICC
VCC Operating Supply
Current
f = fmax = 1/tRC
VCC = VCC(max)
IOUT = 0 mA
CMOS levels
25
30
mA
f = 1 MHz
2.2
4.0
mA
ISB1
Automatic CE Power Down
Current – CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V
VIN > VCC – 0.2V, VIN < 0.2V)
f = fmax(Address and Data Only),
f = 0 (OE, WE, BHE and BLE),
VCC = VCC(max)
1.5
12
μA
ISB2[9]
Automatic CE Power Down
Current – CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max)
1.5
12
μA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
6. VIL(min) = –2.0V for pulse durations less than 20 ns.
7. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns.
8. Full Device AC operation is based on a 100
μs ramp time from 0 to VCC(min) and 200 μs wait time after VCC stabilization.
9. Only chip enables (CE1 and CE2), and byte enables (BHE and BLE) must be tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
[+] Feedback


Similar Part No. - CY62167EV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62167EV18LL-55BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C10612DV33 CYPRESS-CY7C10612DV33 Datasheet
424Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_10 Datasheet
319Kb / 17P
   16-Mbit (1M x 16) Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33_07 Datasheet
642Kb / 10P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_06 Datasheet
344Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30 Datasheet
265Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061BV33 CYPRESS-CY7C1061BV33 Datasheet
307Kb / 9P
   16-Mbit (1M x 16) Static RAM
CY62167DV18 CYPRESS-CY62167DV18_07 Datasheet
543Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33_07 Datasheet
545Kb / 11P
   16-Mbit (1M x 16) Static RAM
CY62167DV30 CYPRESS-CY62167DV30_09 Datasheet
349Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY7C1061DV33 CYPRESS-CY7C1061DV33 Datasheet
408Kb / 10P
   16-Mbit (1M x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com