Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008ETS8-2.5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3008ETS8-2.5
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008ETS8-2.5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3008ETS8-2.5 Datasheet HTML 3Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 4Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 5Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 6Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 7Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 8Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 9Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 10Page - Linear Technology LT3008ETS8-2.5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3008 Series
7
3008fa
0
0.6
0.4
0.2
0.8
1
1.2
1.4
1.6
1.8
2
TEMPERATURE (°C)
3008 G03
ILOAD = 20mA
–50 –25
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
0
0
50
150
200
250
10 12 14
20
450
100
2468
16 18
300
350
400
3008 G01
TJ = 125°C
TJ = 25°C
TEMPERATURE (°C)
0
50
150
200
250
450
100
300
350
400
3008 G02
20mA
10mA
1mA
100μA
–50 –25
0
25
50
75
100 125 150
Dropout Voltage
Dropout Voltage
Minimum Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Output Voltage
LT3008-1.8
TEMPERATURE (°C)
3008 G07
1.788
1.824
1.830
1.836
1.770
1.776
1.812
1.800
1.782
1.816
1.764
1.806
1.794
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
Output Voltage
LT3008-3.3
TEMPERATURE (°C)
3008 G08
2.480
2.540
2.550
2.460
2.520
2.500
2.470
2.530
2.450
2.510
2.490
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
Output Voltage
LT3008-2.5
TEMPERATURE (°C)
3008 G09
3.267
3.278
3.355
3.366
3.245
3.322
3.300
3.256
3.333
3.344
3.234
3.311
3.289
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
ADJ Pin Voltage
TEMPERATURE (°C)
3008 G04
0.596
0.608
0.610
0.612
0.590
0.592
0.604
0.600
0.594
0.606
0.588
0.602
0.598
–50 –25
0
25
50
75
100 125 150
IL = 100μA
Output Voltage
LT3008-1.2
Output Voltage
LT3008-1.5
TEMPERATURE (°C)
3008 G05
1.192
1.216
1.220
1.224
1.180
1.184
1.208
1.200
1.188
1.212
1.176
1.204
1.196
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
TEMPERATURE (°C)
3008 G06
1.490
1.520
1.525
1.530
1.475
1.480
1.510
1.500
1.485
1.515
1.470
1.505
1.495
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA


Similar Part No. - LT3008ETS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008ETS8-PBF LINER-LT3008ETS8-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TR LINER-LT3008ETS8-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008ETS8-TRPBF LINER-LT3008ETS8-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008ETS8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com