Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157DV30L-55ZXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62157DV30L-55ZXI
Description  8-Mbit (512K x 16) MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157DV30L-55ZXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62157DV30L-55ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62157DV30L-55ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62157DV30 MoBL®
Document #: 38-05392 Rev. *H
Page 2 of 12
Notes:
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
3. NC pins are not internally connected on the die.
4. DNU pins have to be left floating.
5. The BYTE pin in the 48-TSOPI package has to be tied HIGH to use the device as a 512K × 16 SRAM. The 48-TSOPI package can also be used as a 1M × 8
SRAM by tying the BYTE signal LOW. For 1M × 8 Functionality, please refer to the CY62158DV30 datasheet. In the 1M × 8 configuration, Pin 45 is A19, while
BHE, BLE and I/O8 to I/O14 pins are not used.
6. The 44-TSOPII package device has only one chip enable pin (CE).
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC, (mA)
Standby ISB2,
(
µA)
f = 1MHz
f = fmax
Min.
Typ.[2]
Max.
Typ.[2]
Max.
Typ.[2]
Max.
Typ.[2]
Max.
CY62157DV30L
Industrial
2.2
3.0
3.6
45, 55, 70
1.5
3
12
20
2
20
CY62157DV30LL Industrial
2.2
3.0
3.6
45, 55, 70
1.5
3
12
15
2
8
CY62157DV30LL Automotive-A
2.2
3.0
3.6
55
1.5
3
12
15
2
8
CY62157DV30L
Automotive-E
2.2
3.0
3.6
55
1.5
3
12
20
2
50
Pin Configuration[4, 5, 6]
48-Pin TSOP I Pinout
48-Ball FBGA Pinout
44-pin TSOP II Pinout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
NC
DNU
WE
CE2
DNU
BHE
BLE
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
I/O15/A19
I/O7
I/O14
I/O6
I/O13
I/O5
I/O12
I/O4
Vcc
I/O11
I/O3
I/O10
I/O2
I/O9
I/O1
I/O8
I/O0
OE
Vss
CE1
A0
Top View
WE
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A18
A17
A16
A15
A4
A3
OE
VSS
A5
I/O15
A2
CE
I/O2
I/O0
I/O1
BHE
A1
A0
18
17
20
19
I/O3
27
28
25
26
22
21
23
24
VSS
I/O6
I/O4
I/O5
I/O7
A6
A7
BLE
VCC
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
A9
A10
A11
A12
A14
A13
A8
Top View
WE
A11
A10
A6
A0
A3
CE1
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
CE2
A17
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
A18
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
DNU
Vcc
Top View


Similar Part No. - CY62157DV30L-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30L-55ZXI CYPRESS-CY62157DV30L-55ZXI Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30L-55ZXI CYPRESS-CY62157DV30L-55ZXI Datasheet
578Kb / 12P
   8-Mbit (512K x 16) MoBL짰 Static RAM
More results

Similar Description - CY62157DV30L-55ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30 Datasheet
455Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62148DV30 CYPRESS-CY62148DV30_11 Datasheet
566Kb / 13P
   4-Mbit (512K x 8) MoBL Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62157E CYPRESS-CY62157E Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY7C1051DV33 CYPRESS-CY7C1051DV33 Datasheet
572Kb / 11P
   8-Mbit (512K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com