Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158E Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62158E
Description  8-Mbit (1M x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158E Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62158E_09 Datasheet HTML 2Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 3Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 4Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 5Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 6Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 7Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 8Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 9Page - Cypress Semiconductor CY62158E_09 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY62158E MoBL®
Document #: 38-05684 Rev. *D
Page 6 of 10
Switching Waveforms
Figure 4 shows address transition controlled read cycle waveforms.[13, 14]
Figure 4. Read Cycle No. 1
Figure 5 shows OE controlled read cycle waveforms.[14, 15]
Figure 5. Read Cycle No. 2
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
HIGH
ICC
ISB
IMPEDANCE
OE
CE1
ADDRESS
CE2
DATA OUT
SUPPLY
CURRENT
VCC
Notes
13. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH.
14. WE is HIGH for read cycle.
15. Address valid before or similar to CE1 transition LOW and CE2 transition HIGH.
[+] Feedback


Similar Part No. - CY62158E_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
884Kb / 16P
   8-Mbit (1 M x 8) Static RAM Automatic power down when deselected
CY62158ELL-45ZSXI CYPRESS-CY62158ELL-45ZSXI Datasheet
895Kb / 16P
   8-Mbit (1 M x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62158EV30LL-45BVXI CYPRESS-CY62158EV30LL-45BVXI Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
More results

Similar Description - CY62158E_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1059DV33 CYPRESS-CY7C1059DV33 Datasheet
470Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_07 Datasheet
315Kb / 9P
   8-Mbit (1M x 8) Static RAM
CY7C1059DV33 CYPRESS-CY7C1059DV33_09 Datasheet
810Kb / 10P
   8-Mbit (1M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30 Datasheet
521Kb / 13P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E_09 Datasheet
562Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com