Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148EV30LL-55SXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62148EV30LL-55SXI
Description  4-Mbit (512K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148EV30LL-55SXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62148EV30LL-55SXI Datasheet HTML 2Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 3Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 4Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 5Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 6Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 7Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 8Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 9Page - Cypress Semiconductor CY62148EV30LL-55SXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MoBL® CY62148EV30
Document #: 38-05576 Rev. *G
Page 6 of 12
Switching Waveforms
Figure 1. Read Cycle No. 1 (Address Transition Controlled) [16, 17]
Figure 2. Read Cycle No. 2 (OE Controlled) [17, 18]
Figure 3. Write Cycle No. 1 (WE Controlled, OE HIGH During Write) [19, 20]
PREVIOUS DATA VALID
DATA VALID
RC
tAA
tOHA
tRC
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
IMPEDANCE
ICC
ISB
HIGH
ADDRESS
CE
DATA OUT
VCC
SUPPLY
CURRENT
OE
DATA VALID
tHD
tSD
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZOE
ADDRESS
CE
WE
DATA IO
OE
NOTE 21
Notes
16. Device is continuously selected. OE, CE = VIL.
17. WE is HIGH for read cycles.
18. Address valid before or similar to CE transition LOW.
19. Data IO is high impedance if OE = VIH.
20. If CE goes HIGH simultaneously with WE HIGH, the output remains in high impedance state.
21. During this period, the IOs are in output state. Do not apply input signals.
[+] Feedback


Similar Part No. - CY62148EV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148EV30LL-55SXI CYPRESS-CY62148EV30LL-55SXI Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-55SXI CYPRESS-CY62148EV30LL-55SXI Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
More results

Similar Description - CY62148EV30LL-55SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com