Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2308SI-2T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY2308SI-2T
Description  3.3V Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2308SI-2T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY2308SI-2T Datasheet HTML 5Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 6Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 7Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 8Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 9Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 10Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 11Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 12Page - Cypress Semiconductor CY2308SI-2T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY2308
Document Number: 38-07146 Rev. *H
Page 9 of 15
Typical Duty Cycle[10] and IDD Trends
[11] for CY2308–1,2,3,4
Notes
10. Duty cycle is taken from typical chip measured at 1.4V.
11. IDD data is calculated from IDD = ICORE + nCVf, where ICORE is the unloaded current.
(n = number of outputs; C = Capacitance load per output (F); V = Voltage Supply (V); f = frequency (Hz).
Duty Cycle Vs VDD
(for 30 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.23.3
3.43.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
Duty Cycle Vs VDD
(for 15 pF Loads over Frequency - 3.3V, 25C)
40
42
44
46
48
50
52
54
56
58
60
3
3.1
3.2
3.3
3.4
3.5
3.6
VDD (V)
33 MHz
66 MHz
100 MHz
133 MHz
Duty Cycle Vs Frequency
(for 30 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Frequency (MHz)
-40C
0C
25C
70C
85C
Duty Cycle Vs Frequency
(for 15 pF Loads over Temperature - 3.3V)
40
42
44
46
48
50
52
54
56
58
60
20
40
60
80
100
120
140
Frequency (MHz)
-40C
0C
25C
70C
85C
IDD vs Number of Loaded Outputs
(for 30 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
02
468
N umb er o f Lo ad ed O ut p ut s
33 M Hz
66 M Hz
100 M Hz
IDD vs Number of Loaded Outputs
(for 15 pF Loads over Frequency - 3.3V, 25C)
0
20
40
60
80
100
120
140
0
246
8
N umb er o f Lo ad ed O ut p ut s
33 M Hz
66 M Hz
100 M Hz
[+] Feedback


Similar Part No. - CY2308SI-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2308SI-2T CYPRESS-CY2308SI-2T Datasheet
367Kb / 15P
   3.3V Zero Delay Buffer
CY2308SI-2T CYPRESS-CY2308SI-2T Datasheet
359Kb / 14P
   3.3V Zero Delay Buffer
CY2308SI-2T[19] CYPRESS-CY2308SI-2T[19] Datasheet
604Kb / 18P
   3.3 V Zero Delay Buffer
More results

Similar Description - CY2308SI-2T

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com